Electronic Components Datasheet Search
  English  ▼

X  

3850SA Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 3850SA
Description  Difference between Standard ver. and Spec.A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850SA Datasheet(HTML) 4 Page - Renesas Technology Corp

  3850SA Datasheet HTML 1Page - Renesas Technology Corp 3850SA Datasheet HTML 2Page - Renesas Technology Corp 3850SA Datasheet HTML 3Page - Renesas Technology Corp 3850SA Datasheet HTML 4Page - Renesas Technology Corp 3850SA Datasheet HTML 5Page - Renesas Technology Corp 3850SA Datasheet HTML 6Page - Renesas Technology Corp 3850SA Datasheet HTML 7Page - Renesas Technology Corp 3850SA Datasheet HTML 8Page - Renesas Technology Corp 3850SA Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
REJ99B0047-0100
-4-
Mask version
Flash/PROM version
12.5MHz
8.0MHz
6.0MHz
4.0MHz
5.5V
4.0V
2.7V
PROM
(Standard/
Spec.H)
FLASH
(Spec.A)
f(Xin)
Vcc
12.5MHz
(
Φ=6.25MHz)
8.0MHz
6.0MHz
(
Φ=3.0MHz)
4.0MHz
5.5V
4.0V
2.7V
Standard
Spec.H
Spec.A
f(Xin)
Vcc
high-speed mode
high-speed mode
2.7V
12.5MHz
(
Φ=1.56MHz)
8.0MHz
(
Φ=1.0MHz)
5.5V
Standard
Spec.H
Spec.A
f(Xin)
Vcc
middle-speed mode
2.7V
12.5MHz
8.0MHz
5.5V
Spec.A
f(Xin)
Vcc
middle-speed mode
PROM
(Standard/
Spec.H)
Improvement of Operating Frequency Characteristics
in 3850 Groups
Improvement of Operating Frequency Characteristics
in 3850 Groups



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com