Electronic Components Datasheet Search
  English  ▼

X  

3850SA Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 3850SA
Description  Difference between Standard ver. and Spec.A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850SA Datasheet(HTML) 6 Page - Renesas Technology Corp

  3850SA Datasheet HTML 1Page - Renesas Technology Corp 3850SA Datasheet HTML 2Page - Renesas Technology Corp 3850SA Datasheet HTML 3Page - Renesas Technology Corp 3850SA Datasheet HTML 4Page - Renesas Technology Corp 3850SA Datasheet HTML 5Page - Renesas Technology Corp 3850SA Datasheet HTML 6Page - Renesas Technology Corp 3850SA Datasheet HTML 7Page - Renesas Technology Corp 3850SA Datasheet HTML 8Page - Renesas Technology Corp 3850SA Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
REJ99B0047-0100
-6-
INT3 interrupt enable bit
Serial I/O2/INT3 interrupt enable bit
003E16 bit4
(Interrupt control register 1)
Reserved
(Don’t write “1” to this bit)
Serial I/O2/INT3 interrupt source bit
0:INT3 interrupt
1: Serial I/O2 interrupt
003A16 bit4
(Interrupt edge selection
register)
INT3 interrupt request bit
Serial I/O2/INT3 interrupt request bit
003C16 bit4
(Interrupt request register 1)
Standard Version
Spec.A
Address(Register name)
Notes on converting Standard ver. into Spec.A (2)
Notes on converting Standard ver. into Spec.A (2)
2.
In Spec.A , Serial I/O2 interrupt request bit and enable bit are combined with
those of INT3.
Interrupt source can be selected by the Serial I/O2/INT3 interrupt source bit.
When the Serial I/O2/INT3 interrupt source bit is “0”(initial state),interrupt source
is INT3. This is the same as Standard version.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com