
REJ99B0047-0100
-5-
Reserved
Serial I/O2/INT3 interrupt source selection bit
003A16 bit4
–
Port P0P1P2 pull-up control register
001216
–
Analog input selection register
003716
Reserved
Serial I/O2 register
001716
Reserved
Serial I/O2 control register2
001616
Reserved
Serial I/O2 control register1
001516
–
Port P4 pull-up control register
001416
–
Port P3 pull-up control register
001316
Standard Version
Spec.A
Address
Additional Registers in Spec.A
Notes on converting Standard ver. into Spec.A (1)
Notes on converting Standard ver. into Spec.A (1)
1.
There are additional registers in Spec.A as following table. These are used for
additional function in Spec.A, software pull-up resister,Serial I/O2 and
an increase of analog input pin number .
When not using the additional functions in Spec.A, take the following (1) or (2)
(1) Don’t write any data to the additional registers(or bit). (Keep the initial state
after releasing Reset)
(2) Write the initial state to the additional registers(or bit) after releasing Reset
• If in the program for Standard ver. any data have been not written to the addresses
corresponding to the Spec.A’s additional registers, this program can be used for
Spec.A as it is (not requiring to change program codes).