Electronic Components Datasheet Search
  English  ▼

X  

MIC3291 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC3291
Description  1.2MHz PWM White LED Driver with Internal Schottky Diode and Single-Wire Linear Brightness Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3291 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC3291 Datasheet HTML 5Page - Micrel Semiconductor MIC3291 Datasheet HTML 6Page - Micrel Semiconductor MIC3291 Datasheet HTML 7Page - Micrel Semiconductor MIC3291 Datasheet HTML 8Page - Micrel Semiconductor MIC3291 Datasheet HTML 9Page - Micrel Semiconductor MIC3291 Datasheet HTML 10Page - Micrel Semiconductor MIC3291 Datasheet HTML 11Page - Micrel Semiconductor MIC3291 Datasheet HTML 12Page - Micrel Semiconductor MIC3291 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Micrel, Inc.
MIC3291
September 2010
9
M9999-092810
(408) 944-0800
Functional Description
The MIC3291 is a constant frequency, PWM current
mode boost LED driver. It is composed of an oscillator,
slope compensation ramp generator, current amplifier,
gm error amplifier, PWM generator, bipolar output
transistor, digital interface with D/A converter and
Schottky rectifier diode. It features true single-wire linear
digital control that may be used to vary the brightness of
the output LEDs. The oscillator generates a 1.2MHz
clock which triggers the PWM generator that turns on the
output transistor and resets the slope compensation
ramp generator. The current amplifier is used to
measure the switch current by amplifying the voltage
signal from the internal sense resistor. The output of the
current amplifier is summed with the output of the slope
compensation ramp generator. This summed current
loop signal is fed to one of the inputs of the PWM
generator.
MIC3291 Block Diagram
The gm error amplifier measures the LED current
through the external sense resistor and amplifies the
error between the detected signal and the reference
voltage indicated by the digital interface. The output of
the gm error amplifier provides the voltage loop signal
that is fed to the other input of the PWM generator.
When the current loop signal exceeds the voltage loop
signal, the PWM generator turns off the bipolar output
transistor. The next clock period initiates the next
switching cycle, maintaining the constant frequency
current mode PWM control. The LED current level at
maximum brightness is set by the feedback resistor:
LED
R
250mV
ILED
=
MIC3291 Digital Interface
The MIC3291 incorporates an easy to use single-wire,
serial programming interface allowing users to set LED
brightness to one of sixteen levels spaced in a linear
manner. In contrast to other solutions requiring a PWM
drive signal to maintain LED brightness, the MIC3291 is
“set and forget”, relieving the controlling processor of the
constant burden of supplying a drive signal. Additionally,
brightness levels can be preset so that LEDs can be
turned on at a particular brightness level.
Brightness Level
FB Voltage (mV)
15
250
14
235
13
220
12
205
11
190
10
175
9
160
8
145
7
130
6
115
5
100
4
85
3
70
2
55
1
40
0
25
Table 1. Brightness Level vs. Ideal FB Voltage
Startup
Presuming no presetting brightness command is issued
(discussed in a later section), the MIC3291 will startup in
its default state approximately 140µs (tSTART_UP) after a
logic level high has been applied and maintained at the
DC pin. In the default state the LED drive current is at
the maximum brightness level of 15 and brightness
counter is set to count down mode. Any falling edges
during the tPROG_SETUP period will cause the initial
brightness level of the LEDs to be below the maximum
brightness level. This is discussed in more detail in the
Presetting Brightness
section.
Figure 2. Typical Startup Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com