Electronic Components Datasheet Search
  English  ▼

X  

MIC3291 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC3291
Description  1.2MHz PWM White LED Driver with Internal Schottky Diode and Single-Wire Linear Brightness Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3291 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC3291 Datasheet HTML 1Page - Micrel Semiconductor MIC3291 Datasheet HTML 2Page - Micrel Semiconductor MIC3291 Datasheet HTML 3Page - Micrel Semiconductor MIC3291 Datasheet HTML 4Page - Micrel Semiconductor MIC3291 Datasheet HTML 5Page - Micrel Semiconductor MIC3291 Datasheet HTML 6Page - Micrel Semiconductor MIC3291 Datasheet HTML 7Page - Micrel Semiconductor MIC3291 Datasheet HTML 8Page - Micrel Semiconductor MIC3291 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MIC3291
1.2MHz PWM White LED Driver
with Internal Schottky Diode and
Single-Wire Linear Brightness
Control
MLF and MicroLead Frame are registered trademarks of Amkor Technologies, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose,
408) 474-1000 • http://www.micrel.com
CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (
September 2010
M9999-092810
(408) 944-0800
General Description
The MIC3291 is a PWM switching boost regulator that is
optimized for constant current white LED (WLED) driver
applications. The MIC3291 features an internal Schottky
diode, allowing an efficient DC/DC solution that requires
only four external components.
The MIC3291 allows for a single-wire simple digital
interface to control the dimming over 16 steps with a linear
scale. The preprogramming feature allows the user to
select any one of the 16 WLED current levels as the start
up brightness level.
The feedback voltage of the MIC3291 is only 250mV,
allowing high efficiency while retaining excellent accuracy
for the WLED current.
The MIC3291 implements a constant frequency 1.2MHz
PWM control scheme. The high frequency PWM operation
saves board space by reducing external component sizes.
The 1.2MHz PWM scheme also reduces switching noise
and ripple to the input power source.
The 2.5V to 6.5V input voltage range of the MIC3291
allows direct operation from single cell Li-Ion as well as 3
to 4 cell NiCad/NiMH/Alkaline batteries. Battery life is
preserved with a low 1µA shutdown current.
The MIC3291 is available in a low profile Thin SOT23 6-
pin and 2mm × 2mm MLF
® 8-pin packages with a junction
temperature range of –40
°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Single wire combines 16 level linear brightness and
shutdown control
• 18V / 25V OVP options supports up to four and six
WLEDs
• Startup in any one of 16 brightness levels
• Internal Schottky diode
• 2.5V to 6.5V input voltage
• 1.2MHz PWM operation
• Over 500mA switch current
• 250mV reference voltage
• ±5% LED current accuracy
• <1µA shutdown current
• UVLO and over-temperature protection
• Thin SOT23-6L package option
• 2mm × 2mm leadless MLF® package option
• –40oC to +125oC junction temperature range
Applications
• Mobile handsets
• LCD handset backlighting
• Digital cameras
• Portable media players/MP3 players
• Portable applications
___________________________________________________________________________________________________________
Typical Application
White LED Driver with OVP and Digital Control


Similar Part No. - MIC3291

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201 Datasheet
521Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201 MICREL-MIC3201 Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201YME MICREL-MIC3201YME Datasheet
521Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201YME MICREL-MIC3201YME Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201 MICREL-MIC3201_11 Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
More results

Similar Description - MIC3291

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289C MICREL-MIC2289C Datasheet
273Kb / 10P
White LED Driver Internal Schottky Diode and OVP
MIC3289 MICREL-MIC3289 Datasheet
368Kb / 13P
1.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control
MIC2289C MICREL-MIC2289C_07 Datasheet
251Kb / 9P
White LED Driver Internal Schottky Diode and OVP
MIC3289_0706 MICREL-MIC3289_0706 Datasheet
613Kb / 16P
1.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control
MIC2289 MICREL-MIC2289_11 Datasheet
273Kb / 10P
White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_11 Datasheet
252Kb / 9P
White LED Driver Internal Schottky Diode and OVP
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
White LED Driver With PWM Brightness Control
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
White LED Driver with Digital and PWM Brightness Control in Tiny Package
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
White LED Driver with PWM Brightness Control in Tiny Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
White LED Driver with PWM Brightness Control in Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com