Electronic Components Datasheet Search
  English  ▼

X  

MIC3291 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC3291
Description  1.2MHz PWM White LED Driver with Internal Schottky Diode and Single-Wire Linear Brightness Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3291 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC3291 Datasheet HTML 1Page - Micrel Semiconductor MIC3291 Datasheet HTML 2Page - Micrel Semiconductor MIC3291 Datasheet HTML 3Page - Micrel Semiconductor MIC3291 Datasheet HTML 4Page - Micrel Semiconductor MIC3291 Datasheet HTML 5Page - Micrel Semiconductor MIC3291 Datasheet HTML 6Page - Micrel Semiconductor MIC3291 Datasheet HTML 7Page - Micrel Semiconductor MIC3291 Datasheet HTML 8Page - Micrel Semiconductor MIC3291 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Micrel, Inc.
MIC3291
September 2010
4
M9999-092810
(408) 944-0800
Electrical Characteristics
(4) (Continued)
TA = +25
oC, VIN = 3.6V, VOUT = 10V, IOUT = 20mA, unless otherwise noted. Bold values indicate −40°C ≤ TJ ≤ +125°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VD
Schottky Forward Drop
ID = 150mA
0.8
1
V
IRD
Schottky Leakage Current
VR = 30V
4
μA
3291- 18 only (nominal voltage)
15
16.5
18
VOVP
Over-Voltage Protection
3291- 25 only (nominal voltage)
22.1
23.5
25
V
Tj
Over-Temperature
Threshold Shutdown
150
°C
Notes:
1.
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating
the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(Max), the
junction-to-ambient thermal resistance, θ JA, and the ambient temperature, TA. The maximum allowable power dissipation will result in excessive die
temperature, and the regulator will go into thermal shutdown.
2.
IC devices are inherently ESD sensitive. Handling precautions required. Human body model, 1.5kΩ in series with 100pF.
3.
This device is not guaranteed to operate beyond its specified operating rating.
4.
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com