Electronic Components Datasheet Search
  English  ▼

X  

MIC4833YML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4833YML
Description  Low Noise Dual 220 VPP EL Driver With Output Voltage Slew Rate Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4833YML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4833YML Datasheet HTML 1Page - Micrel Semiconductor MIC4833YML Datasheet HTML 2Page - Micrel Semiconductor MIC4833YML Datasheet HTML 3Page - Micrel Semiconductor MIC4833YML Datasheet HTML 4Page - Micrel Semiconductor MIC4833YML Datasheet HTML 5Page - Micrel Semiconductor MIC4833YML Datasheet HTML 6Page - Micrel Semiconductor MIC4833YML Datasheet HTML 7Page - Micrel Semiconductor MIC4833YML Datasheet HTML 8Page - Micrel Semiconductor MIC4833YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel
MIC4833
October 2008
2
M9999-100308
(408) 955-1690
Ordering Information
Part Number
Package
Operating Junction Temp
Range
Lead Finish
MIC4833YML
12 pin 3mmx3mm
MLF
®
-40
°C to +125°C
Pb-free / RoHS Compliant
Pin Configuration
ENB
CS
5
1
ENA
VDD
RSW
REL
12 SLEW
ELA
ELB
COM
11
10
9
2
3
4
8
EP
GND
SW
6
7
12-Pin 3mm × 3mm MLF
® (ML) – Top View
Pin Description
Pin Number
Pin Name
Pin Function
1
ENA
EL Panel A Enable Pin: Logic high enables ELA and logic low disables
ELA output.
2
VDD
DC Input Supply Voltage: 2.3V to 5.8V
3
RSW
RSW pin: Sets internal boost converter switch frequency by
connecting an external resistor (RSW) to VDD. Connecting the RSW
resistor to GND shuts down the device.
4
REL
REL pin: Sets internal H-bridge driver frequency by connecting an
external resistor (REL) to VDD. Connecting the REL to GND disables
the EL oscillator.
5
ENB
EL Panel B enable pin: Logic high enables ELB and logic low disables
ELB output.
6
GND
Ground.
7
SW
Switch Node: Drain of internal high-voltage power MOSFET for boost
circuit.
8
CS
Regulated Boost Output: Connect to the output capacitor of the boost
regulator and to the cathode of the diode.
9
COM
EL output: Common EL output terminal to both ELA and ELB. Connect
one end of each EL panel to this pin.
10
ELB
EL Panel B output: Connect the other end of the EL panel B to this
pin.
11
ELA
EL Panel A output: Connect the other end of the EL panel A to this
pin.
12
SLEW
Optional resistor to set output current drive to control slew rate of load.
If left open, the default slew current limit is 5mA.
EPad
HS Pad
Heat Sink Pad. Connect to ground externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com