Electronic Components Datasheet Search
  English  ▼

X  

MIC4833YML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4833YML
Description  Low Noise Dual 220 VPP EL Driver With Output Voltage Slew Rate Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4833YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4833YML Datasheet HTML 1Page - Micrel Semiconductor MIC4833YML Datasheet HTML 2Page - Micrel Semiconductor MIC4833YML Datasheet HTML 3Page - Micrel Semiconductor MIC4833YML Datasheet HTML 4Page - Micrel Semiconductor MIC4833YML Datasheet HTML 5Page - Micrel Semiconductor MIC4833YML Datasheet HTML 6Page - Micrel Semiconductor MIC4833YML Datasheet HTML 7Page - Micrel Semiconductor MIC4833YML Datasheet HTML 8Page - Micrel Semiconductor MIC4833YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel
MIC4833
October 2008
3
M9999-100308
(408) 955-1690
Absolute Maximum Rating (1)
Supply voltage (VDD)…………………………..-0.5V to 6.5V
Output voltage (VCS) …………..……….…... -0.5V to 130V
Switch Node (VSW)……...…………………….-0.5V to 130V
Enable Voltage (VENA, VENB) ..…...……………-0.5V to 6.5V
Voltage (VREL, VRSW, VSLEW) ......………...….…-0.5V to 6.5V
Ambient Storage Temperature (TS) …. ..... -65°C to +150°C
ESD Rating
(3)…..……………………..………ESD Sensitive
Operating Range (2)
Supply Voltage (VDD) ..………………………...2.3V to 5.8V
Panel Drive Frequency (fEL)……………..100Hz to 1500Hz
Switching MOSFET Frequency (fSW)…...35kHz to 350kHz
Enable Voltage (VENA, VENB) ……………………...0V to VDD
Junction Temperature Range (TJ) ………-40°C to +125°C
Package Thermal Impedance
θJA MLF
®-12L …………………….................... 60°C/W
Electrical Characteristics(4)
TA=25
oC, Vdd = 3.0V unless otherwise noted. Bold values indicate -40°C ≤ TJ ≤ 85°C.
Parameter
Symbol Condition
Min
Typ Max Units
Supply Voltage Range
VDD
2.3
5.8
V
Input Supply Current
IDD
RSW=High; VCS=105V;
ELA, ELB, COM, SLEW = Open
152
220
µA
Shutdown Current
ISD
RSW=Low; VDD=5.8v
0.1
1
µA
On-resistance Of Switching
Transistor
RDS(ON)
ISW=100mA, VCS=105V
6.0
12.0
Ω
Output voltage Regulation
VCS
VDD=2.3V to 5.8v
90
109
120
V
VDD=3.0V
(RSW = 1.3MΩ )
25
35
45
kHz
VDD=3.0V
(RSW = 450kΩ)
75
100
125
kHz
Boost Switching Frequency
fSw
VDD=3.0V
(RSW = 125kΩ)
250
350
450
kHz
VDD=3.0V
(REL = 1.8 MΩ) ELA, ELB = Open
175
235
295
Hz
ELA, ELB and COM Drive
Frequency
fEL
Vdd=3.0V
(REL = 712kΩ) ELA, ELB = Open
445
565
685
Hz
Switching Transistor Duty
Cycle
D
80
95
%
SLEW = Open
2.5
5
7.5
mA
Output Current Drive Limit
Programmability
ISLEW
RSLEW =10kΩ
7
10
13
mA
Enable Logic Threshold
VENA, VENB
0.4
1.2
V
Enable Logic Hysteresis
VHYS
20
50
150
mV
Enable Input Current
IENA, IENB
0.1
1
µA
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4.
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com