Electronic Components Datasheet Search
  English  ▼

X  

MIC4833YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4833YML
Description  Low Noise Dual 220 VPP EL Driver With Output Voltage Slew Rate Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4833YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4833YML Datasheet HTML 1Page - Micrel Semiconductor MIC4833YML Datasheet HTML 2Page - Micrel Semiconductor MIC4833YML Datasheet HTML 3Page - Micrel Semiconductor MIC4833YML Datasheet HTML 4Page - Micrel Semiconductor MIC4833YML Datasheet HTML 5Page - Micrel Semiconductor MIC4833YML Datasheet HTML 6Page - Micrel Semiconductor MIC4833YML Datasheet HTML 7Page - Micrel Semiconductor MIC4833YML Datasheet HTML 8Page - Micrel Semiconductor MIC4833YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Micrel
MIC4833
October 2008
4
M9999-100308
(408) 955-1690
Typical Characteristics
0
50
100
150
200
250
300
350
400
SWITCHING RESISTOR (kOhm)
Switching Frequency
vs SW Resistor
0
200
400
600
800
1000
1200
1400
1600
0
1234
5
ELRESISTOR (MOhm)
EL Frequency
vs EL Resistor
0
10
20
30
40
50
60
EL FREQUENCY (Hz)
Input Current vs.
EL Frequency (Single EL Lamp)
4 in2
3 in2
2 in2
1 in2
V
IN
= 3.6V
f
SW
= 75kHz
10
15
20
25
30
35
40
45
50
55
60
EL FREQUENCY (Hz)
Input Current vs.
EL Frequency (Dual EL Lamp)
2× 4 in2
2× 3 in2
2× 2 in2
2× 1 in2
V
IN
= 3.6V
f
SW
= 75kHz
0
20
40
60
80
100
120
140
160
012
345
6
TOTAL LAMP SIZE (in
2)
Recommended Switching
Frequency vs. Total Lamp Size
150Hz
200Hz
300Hz
400Hz
V
IN
= 3.0V
0
5
10
15
20
25
30
35
40
22.533.5 44.555.5 6
INPUT VOLTAGE (V)
Total Input Current
vs. Input Voltage
f
SW
= 122kHz
Size = 1in2
f
EL
= 200Hz
C
OUT
= 2.2nF
f
SW
= 100kHz
Size = 2in2
10
15
20
25
30
35
40
45
50
55
60
22.533.5 44.555.5 6
INPUT VOLTAGE (V)
Total Input Current
vs. Input Voltage
f
SW
= 68kHz
Size = 4in2
f
EL
= 200Hz
C
OUT
= 2.2nF
f
SW
= 88kHz
Size = 3in2
30
35
40
45
50
55
60
65
70
75
80
22.533.5 44.555.5 6
INPUT VOLTAGE (V)
Total Input Current
vs. Input Voltage
f
SW
= 47kHz
Size = 6in2
f
EL
= 200Hz
C
OUT
= 2.2nF
f
SW
= 55kHz
Size = 5in2
0
20
40
60
80
100
120
22.5 33.544.5 55.56
INPUT VOLTAGE (V)
CS Voltage
vs. Input Voltage
f
SW
= 45kHz
f
EL
= 200Hz
C
OUT
= 2.2nF
0
40
80
120
160
200
240
22.5 33.544.5 55.56
INPUT VOLTAGE (V)
Output Voltage
vs. Input Voltage
f
SW
= 45kHz
f
EL
= 200Hz
C
OUT
= 2.2nF
0
2
4
6
8
10
12
14
16
22.5 33.544.5 55.56
INPUT VOLTAGE (V)
Brightness
vs. Input Voltage
Distance = 2 in
f
SW
= 135kHz
f
EL
= 225Hz
L = 220µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com