Electronic Components Datasheet Search
  English  ▼

X  

MIC4834 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4834
Description  Low Noise Dual 220 VPP EL Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4834 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4834 Datasheet HTML 1Page - Micrel Semiconductor MIC4834 Datasheet HTML 2Page - Micrel Semiconductor MIC4834 Datasheet HTML 3Page - Micrel Semiconductor MIC4834 Datasheet HTML 4Page - Micrel Semiconductor MIC4834 Datasheet HTML 5Page - Micrel Semiconductor MIC4834 Datasheet HTML 6Page - Micrel Semiconductor MIC4834 Datasheet HTML 7Page - Micrel Semiconductor MIC4834 Datasheet HTML 8Page - Micrel Semiconductor MIC4834 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC4834
Low Noise Dual 220 VPP EL Driver
MLF and MicroLead Frame are registered trademark of Amkor Technologies
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
October 2008
M9999-100808-A
General Description
The MIC4834 is a low noise dual Electroluminescent (EL)
Panel driver used in backlighting applications. The
MIC4834 converts a low DC voltage to a high DC voltage
using a boost converter and then alternates the high DC
voltage across the EL panels using an H-bridge. The
MIC4834 incorporates internal wave-shaping circuitry
specifically designed to reduce audible noise emitted by
EL panels. With only one inductor the MIC4834 can drive
two outputs and requires a minimum number of passive
components. It features an operating input voltage range
of 2.3V to 5.8V, making it suitable for 1-cell Li-ion and 2- or
3-cell alkaline/NiCad/NiMH battery applications.
The MIC4834 features separate oscillators for the boost
and H-bridge stages. The boost frequency may be
adjusted with an external resistor to optimize efficiency
and brightness. The H-bridge frequency is internally preset
to 225Hz, to reduce the number of external components
and layout space.
The MIC4834 is available in 10 pin 3mmx3mm MLF
®
package as well as MSOP-10L, and has an operating
junction temperature range of –40
°C to +125°C.
Features
•
Drives two EL panels, up to 3 in
2 each at full
brightness
•
220VPP regulated AC output waveform
•
2.3V to 5.8V DC input voltage
•
Wave-shaping circuit to reduce audible noise
•
Adjustable boost converter frequency
•
Single inductor to power both panels
•
0.1µA typical shutdown current
•
Package options
−
10-pin 3mmx3mm MLF
®
−
10-pin MSOP
•
–40
oC to +125oC junction temperature range
Applications
•
Mobile phones
•
MP3/portable media players (PMP)
•
Clocks/ watches
•
Remote controls
•
Cordless phones
•
GPS devices
•
PDAs
_________________________________________________________________________________________________
Typical Application
Low Noise Dual EL Driver


Similar Part No. - MIC4834

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4830 MICREL-MIC4830 Datasheet
910Kb / 12P
Low Noise 180Vp-p EL Driver
MIC4830 MICREL-MIC4830 Datasheet
609Kb / 12P
Low Noise 180VPP EL Driver
MIC4830YML MICREL-MIC4830YML Datasheet
910Kb / 12P
Low Noise 180Vp-p EL Driver
MIC4830YML MICREL-MIC4830YML Datasheet
609Kb / 12P
Low Noise 180VPP EL Driver
MIC4830YMM MICREL-MIC4830YMM Datasheet
910Kb / 12P
Low Noise 180Vp-p EL Driver
More results

Similar Description - MIC4834

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV835 SUTEX-HV835 Datasheet
242Kb / 6P
Low Noise Dual EL Lamp Driver
HV843 SUTEX-HV843 Datasheet
428Kb / 6P
Low Noise Dual EL Lamp Driver
HV845 SUTEX-HV845 Datasheet
423Kb / 6P
Low Noise Dual EL Lamp Driver
HV843DB1 SUTEX-HV843DB1 Datasheet
319Kb / 2P
Low Noise, Dual EL Lamp Driver
HV845DB1 SUTEX-HV845DB1 Datasheet
307Kb / 2P
Low Noise, Dual EL Lamp Driver
HV862 SUTEX-HV862 Datasheet
698Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
HV861 SUTEX-HV861 Datasheet
684Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
logo
Micrel Semiconductor
MIC4833 MICREL-MIC4833 Datasheet
1Mb / 12P
Low Noise Dual 220 VPP EL Driver With Output Voltage Slew Rate Control
logo
Supertex, Inc
HV861 SUTEX-HV861_10 Datasheet
588Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
logo
Microchip Technology
MIC4826 MICROCHIP-MIC4826 Datasheet
2Mb / 22P
Low Input Voltage, 160 VPP Output Voltage, EL Driver
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com