Electronic Components Datasheet Search
  English  ▼

X  

MIC4834 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4834
Description  Low Noise Dual 220 VPP EL Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4834 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4834 Datasheet HTML 1Page - Micrel Semiconductor MIC4834 Datasheet HTML 2Page - Micrel Semiconductor MIC4834 Datasheet HTML 3Page - Micrel Semiconductor MIC4834 Datasheet HTML 4Page - Micrel Semiconductor MIC4834 Datasheet HTML 5Page - Micrel Semiconductor MIC4834 Datasheet HTML 6Page - Micrel Semiconductor MIC4834 Datasheet HTML 7Page - Micrel Semiconductor MIC4834 Datasheet HTML 8Page - Micrel Semiconductor MIC4834 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel
MIC4834
October 2008
2
M9999-100908-A
Ordering Information
Part Number
Package
Operating Junction Temp Range
Lead Finish
MIC4834YML
10 pin (3mm x 3mm) MLF
®
-40ºC to +125ºC
Pb-free / RoHS-Compliant
MIC4834YMM
10-Pin MSOP
-40ºC to +125ºC
Pb-free / RoHS-Compliant
Pin Configuration
10-Pin MLF
® - Top View
10-Pin MSOP – Top View
Pin Description
Pin Number
Pin Name
Pin Function
1
ENA
EL Panel A Enable Pin: Logic high enables ELA and logic low disables ELA output.
2
VDD
DC Input Supply Voltage: 2.3V to 5.8V
3
RSW
RSW pin: Sets internal boost converter switch frequency by connecting an external
resistor (RSW) to VDD. Connecting the RSW resistor to GND shuts down the device.
4
ENB
EL Panel B enable pin: Logic high enables ELB and logic low disables ELB output.
5
GND
Ground.
6
SW
Switch Node: Drain of internal high-voltage power MOSFET for boost circuit.
7
CS
Regulated Boost Output: Connect to the output capacitor of the boost regulator and
to the cathode of the diode.
8
COM
EL output: Common EL output terminal to both ELA and ELB. Connect one end of
each EL panel to this pin.
9
ELB
EL Panel B output: Connect the other end of the EL panel B to this pin.
10
ELA
EL Panel A output: Connect the other end of the EL panel A to this pin.
EPad
HS Pad
Heat Sink Pad. Connect to ground externally. MLF® package only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com