Electronic Components Datasheet Search
  English  ▼

X  

MIC4834 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4834
Description  Low Noise Dual 220 VPP EL Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4834 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4834 Datasheet HTML 1Page - Micrel Semiconductor MIC4834 Datasheet HTML 2Page - Micrel Semiconductor MIC4834 Datasheet HTML 3Page - Micrel Semiconductor MIC4834 Datasheet HTML 4Page - Micrel Semiconductor MIC4834 Datasheet HTML 5Page - Micrel Semiconductor MIC4834 Datasheet HTML 6Page - Micrel Semiconductor MIC4834 Datasheet HTML 7Page - Micrel Semiconductor MIC4834 Datasheet HTML 8Page - Micrel Semiconductor MIC4834 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel
MIC4834
October 2008
3
M9999-100908-A
Absolute Maximum Rating(1)
Supply voltage (VDD) ....................................... -0.5V to 6.5V
Output voltage (VCS)...................................... -0.5V to 130V
Switch Node (VSW) ......................................... -0.5V to 130V
Enable Voltage (VRSW, VENA, VENB)................... -0.5V to 6.5V
Ambient Storage Temperature (TS) ...........-65ºC to +150ºC
ESD Rating
(3) ........................................................................... ESD Sensitive
Operating Range(2)
Supply Voltage (VDD) ........................................2.3V to 5.8V
Switching MOSFET Frequency (fSW) ........ 35kHz to 350kHz
Enable Voltage (VRSW, VENA,, VENB) ....................... 0V to VDD
Junction Temperature Range (TJ) ............. -40°C to +125°C
Package Thermal Impedance
3mm x 3mm MLF
® (θJA)……………………........ 60°C/W
MSOP (
θJA)……………………......................... 206°C/W
Electrical Characteristics(4)
TA = 25
oC, VDD= 3.0V unless otherwise noted. Bold values indicate -40°C ≤ TJ ≤ 85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VDD
Supply Voltage Range
2.3
5.8
V
IDD
Input Supply Current
VRSW = High; VCS = 105V;
ELA, ELB, COM = Open
152
220
µA
ISD
Shutdown Current
VRSW = Low; VDD = 5.8V
0.1
1
µA
RDS(ON)
On-resistance Of Switching Transistor
ISW = 100mA, VCS = 105V
6.0
12.0
Ω
VCS
Output voltage Regulation
VDD = 2.3V to 5.8v
90
109
120
V
VDD = 3.0V
(RSW = 1.3MΩ )
25
35
45
kHz
VDD = 3.0V
(RSW = 450kΩ)
75
100
125
kHz
fSw
Boost Switching Frequency
VDD = 3.0V
(RSW = 125kΩ)
250
350
450
kHz
fEL
ELA, ELB and COM Drive Frequency
VDD = 3.0V
ELA, ELB, COM = Open
165
225
285
Hz
D
Switching Transistor Duty Cycle
80
95
%
IOUT
Output Current Drive Limit
2.5
5
7.5
mA
VENA,
VENB
Enable Logic Threshold
0.4
1.2
V
VHYS
Enable Logic Hysteresis
20
50
150
mV
IENA,
IENB
Enable Input Current
0.1
1
µA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com