Electronic Components Datasheet Search
  English  ▼

X  

MM5451BV Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MM5451BV
Description  LED Display Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MM5451BV Datasheet(HTML) 7 Page - Micrel Semiconductor

  MM5451BV Datasheet HTML 1Page - Micrel Semiconductor MM5451BV Datasheet HTML 2Page - Micrel Semiconductor MM5451BV Datasheet HTML 3Page - Micrel Semiconductor MM5451BV Datasheet HTML 4Page - Micrel Semiconductor MM5451BV Datasheet HTML 5Page - Micrel Semiconductor MM5451BV Datasheet HTML 6Page - Micrel Semiconductor MM5451BV Datasheet HTML 7Page - Micrel Semiconductor MM5451BV Datasheet HTML 8Page - Micrel Semiconductor MM5451BV Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Micrel, Inc.
MM5450/5451
February 2006
7
M9999-021606
(408) 955-1690
Typical Performance Characteristics
Figure 7.
Figure 8.
LED
A
J
G
E
S
0
2
M
Figure 9.
Typical Applications
LM324
MM5450
LM317
–
+
240
RAW DC
> 9 V
1K
I19 =
2N2907
I19
PIN 19
5V
20
1
5k
7V
1k
CD4046
(VCO)
5V
MM74HC123
10 µS
MM5450
Q19
20
1
Figure 10. Typical Application of Constant Current
Figure 11. Brightness Control Varying the Duty Cycle
Brightness Control



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com