Electronic Components Datasheet Search
  English  ▼

X  

MM5451BV Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MM5451BV
Description  LED Display Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MM5451BV Datasheet(HTML) 1 Page - Micrel Semiconductor

  MM5451BV Datasheet HTML 1Page - Micrel Semiconductor MM5451BV Datasheet HTML 2Page - Micrel Semiconductor MM5451BV Datasheet HTML 3Page - Micrel Semiconductor MM5451BV Datasheet HTML 4Page - Micrel Semiconductor MM5451BV Datasheet HTML 5Page - Micrel Semiconductor MM5451BV Datasheet HTML 6Page - Micrel Semiconductor MM5451BV Datasheet HTML 7Page - Micrel Semiconductor MM5451BV Datasheet HTML 8Page - Micrel Semiconductor MM5451BV Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MM5450/5451
LED Display Driver
SuperSwitcher and Super ßeta PNP are trademarks of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
February 2006
M9999-021606
(408) 955-1690
General Description
The MM5450 and MM5451 LED display drivers are
monolithic MOS IC’s fabricated in an N-Channel, metal-
gate process. The technology produces low-threshold,
enhancement-mode, and ion-implanted depletion-mode
devices.
A single pin controls the LED display brightness by setting
a reference current through a variable resistor connected
to the supply.
Applications
• Industrial control indicator
• Relay driver
• Digital clock, thermometer, counter, voltmeter
• Instrumentation readouts
Features
• Continuous brightness control
• Serial data input
• No load signal requirement
• Enable (on MM5450)
• Wide power supply operation
• TTL compatibility
• 34 or 35 outputs, 15mA capability
• Alphanumeric capability
Ordering Information
Part Number
Standard
Pb-Free
Junction
Temp. Range
Package
MM5450BN MM5450YN –40°C to+85°C
40-pin PDIP
MM5451BN MM5451YN –40°C to+85°C
40-pin PDIP
MM5450BV
MM5450YV
–40°C to+85°C
44-pin PLCC
MM5451BV
MM5451YV
–40°C to+85°C
44-pin PLCC
____________________________________________________________________________________________________________
Block Diagram
35 OUTPUT BUFFERS
35 LATCHES
35-BIT SHIFT
REGISTER
LOAD
RESET
RESET
(only available
in die form)
SERIAL DATA
22
CLOCK
21
DATA ENABLE/OUT 35
(See Note 1)
23
19
20
24
OUT 34
18
OUT 1
1
BRIGHTNESS
CONTROL
VDD
Note 1: Pin 23 is Data Enable in MM5450
Pin 23 is Output 35 in MM5451
Figure 1.


Similar Part No. - MM5451BV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MM5451BV MICREL-MM5451BV Datasheet
81Kb / 8P
LED Display Driver
MM5451BV MICREL-MM5451BV Datasheet
741Kb / 6P
LED Display Driver
More results

Similar Description - MM5451BV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
M5481 STMICROELECTRONICS-M5481 Datasheet
76Kb / 8P
LED DISPLAY DRIVER
Apr-2000
M5482 STMICROELECTRONICS-M5482 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
LED Display Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
LED DISPLAY DRIVER
09-Jun-2004
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_06 Datasheet
741Kb / 6P
LED Display Driver
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
M5481 STMICROELECTRONICS-M5481_04 Datasheet
162Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
logo
Silicon Touch Technolog...
ST2225A SITI-ST2225A Datasheet
318Kb / 12P
LED Display Driver
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
LED Display Driver
February 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com