Electronic Components Datasheet Search
  English  ▼

X  

MM5451BV Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MM5451BV
Description  LED Display Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MM5451BV Datasheet(HTML) 4 Page - Micrel Semiconductor

  MM5451BV Datasheet HTML 1Page - Micrel Semiconductor MM5451BV Datasheet HTML 2Page - Micrel Semiconductor MM5451BV Datasheet HTML 3Page - Micrel Semiconductor MM5451BV Datasheet HTML 4Page - Micrel Semiconductor MM5451BV Datasheet HTML 5Page - Micrel Semiconductor MM5451BV Datasheet HTML 6Page - Micrel Semiconductor MM5451BV Datasheet HTML 7Page - Micrel Semiconductor MM5451BV Datasheet HTML 8Page - Micrel Semiconductor MM5451BV Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Micrel, Inc.
MM5450/5451
February 2006
4
M9999-021606
(408) 955-1690
Absolute Maximum Ratings
Voltage (any pin) ........................................VSS to VSS + 12V
Power Dissipation
+25°C........................................................................1W
+85°C.................................................................560mW
Junction Temperature (TJ) ....................................... +150°C
Storage Temperature (TS).........................–65°C to +150°C
Lead Temperature (soldering, 10sec.)..................... +300°C
Operating Ratings
Supply voltage (VDD – VSS).......................... +4.75V to +11V
Ambient Temperature Range (TA) ............. –40°C to +85°C
Electrical Characteristics
4.5V ≤ VDD ≤ 11V, VSS = 0V; TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power Supply Current
–25°C to +85°C, excluding output loads
–40°C to +85°C, excluding output loads
8.5
10
mA
mA
VL
VH
Data Input Voltage
logic-0 level, ±10 µA input bias
logic-1 level, 4.75V ≤ VDD ≤ 5.25V
VDD > 5.25V
–0.3
2.2
VDD –2
0.8
VDD
VDD
V
V
V
Brightness Control Input Current
Note 2
0
0.75
mA
segment off, VOUT = 3.0V
10
µA
Output Sink Current
segment on, VOUT = 1.8V, Note 3
brightness input = 0µA
brightness input = 100µA
brightness input = 750µA
0
2.0
15
2.7
10
4
25
µA
mA
mA
Brightness Control Input Voltage
input current = 750 µA
3.0
4.3
V
Output Matching
Note 1
±20
%
fC
Clock Input Frequency
Notes 5, 6
500
kHz
tH
Clock Input High Time
Notes 5, 6
950
ns
tL
Clock Input Low Time
Notes 5, 6
950
ns
tDS
Data Input Setup Time
300
ns
tDH
Data Input Hold Setup Time
300
ns
tDES
Data Enable Input Setup Time
100
ns
Reset Pad Current
die
8
8
µA
Notes:
1. Output matching is calculated as the percent variation (IMAX + IMIN) / 2.
2. With a fixed resistor on the brightness input pin, some variation in brightness will occur among devices.
3. See Figures 7, 8 and 9 for recommended operating conditions and limits. Absolute maximum for each output should be limited to 40mA.
4. VOUT should be regulated by user. See Figures 8 and 9 for allowable VOUT vs. IOUT operation.
5. AC input waveform specification for test purpose: tR ≤ 200ns, tF ≤ 20ns, f = 500kHz, 50% ±10% duty cycle.
6. Clock input rise and fall times must not exceed 300ns.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com