Electronic Components Datasheet Search
  English  ▼

X  

ISL89367 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL89367
Description  High Speed, Dual Channel, 6A, MOSFET Driver With Programmable Rising and Falling Edge Delay Timers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL89367 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL89367 Datasheet HTML 1Page - Intersil Corporation ISL89367 Datasheet HTML 2Page - Intersil Corporation ISL89367 Datasheet HTML 3Page - Intersil Corporation ISL89367 Datasheet HTML 4Page - Intersil Corporation ISL89367 Datasheet HTML 5Page - Intersil Corporation ISL89367 Datasheet HTML 6Page - Intersil Corporation ISL89367 Datasheet HTML 7Page - Intersil Corporation ISL89367 Datasheet HTML 8Page - Intersil Corporation ISL89367 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ISL89367
5
FN7727.0
January 31, 2011
INPUTs
Input Range for
IN1A, IN2A, IN1B, IN2B
VIN
VIN is referenced to VREF-
--
-
Vref-
Vref+
V
Input Range for INVA, INVB
VINV
VINV is referenced to VSS
--
-
VSS
VDD
V
Logic 0 Threshold for IN1A,
IN2A, IN1B, IN2B
VIL
Nominally 37% x ((VREF+) - (VREF-))
-
37
-
34
40
%
Logic 1 Threshold for IN1A,
IN2A, IN1B, IN2B
VIH
Nominally 63% x ((VREF+) - (VREF-))
-
63
-
60
66
%
Logic 0 Threshold for INVA,
INVB
VILV
VILV is referenced to VSS
-0.9
-
1
1.2
V
Logic 1 threshold for INVA,
INVB
VIHV
VIHV is referenced to VSS
-
1.5
-
1.5
1.7
V
Input Capacitance of IN1A,
IN2A, IN1B, 1N2B,INVA, INVB
CIN
-2
-
-
-
pF
Input Bias Current for
IN1A, IN2A, IN1B, IN2B
IIN
VREF- < VIN < VREF+
-
-
-
-10
+10
µA
Input Bias Current for
INVA, INVB
IINV
VSS < VINV < VDD
-
-
-
-40
+40
µA
OUTPUTS
High Level Output Voltage
VOHA VOHB
--
-
VDD - 0.1
VDD
V
Low Level Output Voltage
VOLA
VOLB
--
-
GND
GND + 0.1
V
Peak Output Source Current
IO
VO (initial) = 0V, CLOAD = 10nF
-
-6
-
-
-
A
Peak Output Sink Current
IO
VO (initial) =12V, CLOAD = 10nF
-
+6
-
-
-
A
NOTES:
9. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
10. This parameter is taken from the simulation models for the input FET. The actual capacitance on this input will be dominated by the PCB parasitic
capacitance.
11. A 200µs delay further inhibits the release of the output state when the UV positive going threshold is crossed.
12. The true state of a specific part number is defined by the input logic symbol.
DC Electrical Specifications
VDD = 12V, GND = 0V, No load on OUTA or OUTB, RDELA = RDELB = FDELA = FDELB = 0kΩ
unless otherwise specified. Boldface limits apply over the operating junction temperature range, -40°C to +125°C. (Continued)
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = +25°C
TJ = -40°C to +125°C
UNITS
MIN
(Note 9) TYP
MAX
(Note 9)
MIN
(Note 9)
MAX
(Note 9)
AC Electrical Specifications VDD = 12V, GND = 0V, No Load on OUTA or OUTB, RDELA = RDELB = FDELA = FDELB = 0kΩ
unless Otherwise Specified. Boldface limits apply over the operating junction temperature range, -40°C to +125°C.
PARAMETERS
SYMBOL
TEST CONDITIONS
/NOTES
TJ = +25°C
TJ = -40°C
to +125°C
UNITS
MIN
(Note 9)
TYP
MAX
(Note 9)
MIN
(Note 9)
MAX
(Note 9)
Output Rise Time (see Figure 4)
tR
CLOAD = 10 nF,
10% to 90%
-20
-
-
40
ns
Output Fall Time (see Figure 4)
tF
CLOAD = 10 nF,
90% to 10%
-20
-
-
40
ns
Output Rising Edge Propagation Delay (see Figure 3)
tRDLYA,
tRDLYB
-25
-
-
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com