Electronic Components Datasheet Search
  English  ▼

X  

ISL89367 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL89367
Description  High Speed, Dual Channel, 6A, MOSFET Driver With Programmable Rising and Falling Edge Delay Timers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL89367 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL89367 Datasheet HTML 1Page - Intersil Corporation ISL89367 Datasheet HTML 2Page - Intersil Corporation ISL89367 Datasheet HTML 3Page - Intersil Corporation ISL89367 Datasheet HTML 4Page - Intersil Corporation ISL89367 Datasheet HTML 5Page - Intersil Corporation ISL89367 Datasheet HTML 6Page - Intersil Corporation ISL89367 Datasheet HTML 7Page - Intersil Corporation ISL89367 Datasheet HTML 8Page - Intersil Corporation ISL89367 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
High Speed, Dual Channel, 6A, MOSFET Driver With
Programmable Rising and Falling Edge Delay Timers
ISL89367
The ISL89367 is a high-speed, 6A, 2 channel MOSFET driver
optimized for synchronous rectifier applications. Internal timers
can be programmed with resistors to delay the rising and/or
falling edges of the outputs. Logically ANDed dual inputs are also
provided. One input is for the PWM signal and the second can be
used as an enable. A third control input is used to optionally
invert the logical polarity of the driver outputs.
Comparator like logical inputs allows this driver to be configured
for any logic level from 3.3V to 10 VDC. The precision logic
thresholds provided by the comparators allow the use of external
RC circuits to generate longer time delays than are possible with
the internal timers. The comparators also allow the driver to be
configured with a low output voltage that is negative relative to
the logic ground if desired. This is useful for applications that
require a negative turn-off gate drive voltage for driving FETs with
logic thresholds.
At high switching frequencies, these MOSFET drivers use very
little bias current. Separate, non-overlapping drive circuits are
used to drive each CMOS output FET to prevent shoot-thru
currents in the output stage.
An under voltage lockout (UV) insures that the driver outputs
remain off (low) during turn-on until VDD is sufficiently high for
correct logic control. This prevents unexpected behavior when
VDD bias is being applied or removed.
Features
• 2 outputs with 6A peak drive currents (sink and source) with
output voltage range of 4.5V to 16V.
•Typical ON-resistance ~1
Ω.
• Specified Miller plateau drive currents.
• EPAD provides very low thermal impedance (
θJC = 3°C/W).
• Dual logic inputs with hysteresis for high noise immunity.
• Rising and/or falling output edge delays programmed with
resistors.
• ~ 20ns rise and fall time driving a 10nF load.
• Low operating bias currents
Applications
• Synchronous Rectifier (SR) Driver
• Switch mode power supplies
• Motor Drives, Class D amplifiers, UPS, Inverters
• Pulse Transformer Driver
• Clock/Line Driver
3.3V
ENABLE
INVA
INVB
PWM
OUTB
/OUTA
VREF+
VREF-
RDELA
RDELB
FDELB
FDELA
GND
12V
FIGURE 1. TYPICAL APPLICATION
0
50
100
150
200
250
300
350
0
5
10
15
20
RDT (2k to 20k)
FIGURE 2. PROGRAMMABLE TIME DELAYS
-40°C (WORST CASE)
+25°C (TYPICAL)
+125°C (WORST CASE)
January 31, 2011
FN7727.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL89367

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL89367 RENESAS-ISL89367 Datasheet
672Kb / 14P
High Speed, Dual Channel, 6A, MOSFET Driver With Programmable Rising and Falling Edge Delay Timers
ISL89367FRTAZ RENESAS-ISL89367FRTAZ Datasheet
672Kb / 14P
High Speed, Dual Channel, 6A, MOSFET Driver With Programmable Rising and Falling Edge Delay Timers
More results

Similar Description - ISL89367

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC429 TELCOM-TC429 Datasheet
110Kb / 7P
6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
logo
Microchip Technology
TC429 MICROCHIP-TC429_03 Datasheet
415Kb / 18P
6A Single High-Speed, CMOS Power MOSFET Driver
2003
logo
Intersil Corporation
ISL89163 INTERSIL-ISL89163 Datasheet
338Kb / 15P
High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
October 12, 2010
ISL89160 INTERSIL-ISL89160 Datasheet
258Kb / 14P
High Speed, Dual Channel, 6A, 4.5 to 16VOUT, Power MOSFET Driver
November 2, 2010
ISL89166 INTERSIL-ISL89166 Datasheet
420Kb / 13P
High Speed, Dual Channel, 6A, Power MOSFET Driver With Programmable Delays
January 14, 2011
ISL89160 INTERSIL-ISL89160_11 Datasheet
377Kb / 13P
High Speed, Dual Channel, 6A, 4.5 to 16VOUT, Power MOSFET Driver
ISL89163 INTERSIL-ISL89163_15 Datasheet
446Kb / 15P
High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
September 30, 2015
logo
Renesas Technology Corp
ISL89163 RENESAS-ISL89163 Datasheet
757Kb / 16P
High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
ISL89166 RENESAS-ISL89166 Datasheet
685Kb / 14P
High Speed, Dual Channel, 6A, Power MOSFET Driver With Programmable Delays
ISL89367 RENESAS-ISL89367 Datasheet
672Kb / 14P
High Speed, Dual Channel, 6A, MOSFET Driver With Programmable Rising and Falling Edge Delay Timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com