Electronic Components Datasheet Search
  English  ▼

X  

ISL89367 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL89367
Description  High Speed, Dual Channel, 6A, MOSFET Driver With Programmable Rising and Falling Edge Delay Timers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL89367 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL89367 Datasheet HTML 1Page - Intersil Corporation ISL89367 Datasheet HTML 2Page - Intersil Corporation ISL89367 Datasheet HTML 3Page - Intersil Corporation ISL89367 Datasheet HTML 4Page - Intersil Corporation ISL89367 Datasheet HTML 5Page - Intersil Corporation ISL89367 Datasheet HTML 6Page - Intersil Corporation ISL89367 Datasheet HTML 7Page - Intersil Corporation ISL89367 Datasheet HTML 8Page - Intersil Corporation ISL89367 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ISL89367
2
FN7727.0
January 31, 2011
Block Diagram
The positive threshold is
63% of ((VREF+)-(VREF-)).
The negative threshold is
37% of ((VREF+)-(VREF-)).
Delay
Timer
OUTx
VDD
IN1x
INVx
VREF+
VSS
VREF-
RDELx
FDELx
IN2x
For clarity, only one
channel is shown
Delay
Timer
Rising edge
is delayed
Falling edge
is delayed
EPAD
Separated gate drives
prevent shoot-thru currents
in the output CMOS FETs.
10K
For proper thermal and
electrical performance, the
EPAD must be connected to
the PCB signal ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com