Electronic Components Datasheet Search
  English  ▼

X  

MIC2299 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2299
Description  3.5A Minimum, 2MHz High Brightness LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2299 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2299 Datasheet HTML 1Page - Micrel Semiconductor MIC2299 Datasheet HTML 2Page - Micrel Semiconductor MIC2299 Datasheet HTML 3Page - Micrel Semiconductor MIC2299 Datasheet HTML 4Page - Micrel Semiconductor MIC2299 Datasheet HTML 5Page - Micrel Semiconductor MIC2299 Datasheet HTML 6Page - Micrel Semiconductor MIC2299 Datasheet HTML 7Page - Micrel Semiconductor MIC2299 Datasheet HTML 8Page - Micrel Semiconductor MIC2299 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MIC2299
3.5A Minimum, 2MHz High Brightness
LED Driver
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
October 2007
M9999-101907-B
General Description
The MIC2299 is a high power boost-switching regulator
that is optimized for constant-current control. The MIC2299
is capable of driving up to 2 series 1A white LED for
photoflash and other applications. The feedback voltage is
only 200mV, minimizing power dissipation in constant-
current control applications, and hence extends battery
life.
The MIC2299 has a brightness pin that allows for a
programmable torch mode as well as full flash with a
single pin when driving high current LEDs.
The MIC2299 implements a constant frequency 2MHz
PWM control scheme to make the smallest possible
design. The MIC2299’s 2MHz operation avoids signal
interference in the AM band.
The 2.5V to 10V input voltage range of MIC2299 allows
direct operation from 1- and 2-cell Li-Ion as well as 3- to 4-
cell NiCad/ NiMH/ Alkaline or lithium batteries. Maximum
battery life is assured with a low 1uA shutdown current.
The MIC2299 is available in a low profile 12-pin 3mm x
3mm MLF
® package.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Programmable current control
• 200mV ±10% feedback voltage
• 2.5V to 10V input voltage
• Output over-voltage protection (OVP)
• Output voltage up to 30V (max)
• Fixed 2MHz Operation
• Guaranteed 3.5A switch current over-temperature
• Solution size of just 0.25in2 (1.6cm2)
• Output power range of 7W to 12W
• <1% line regulation
• 1µA shutdown current
• Over temperature protection
• Externally programmable soft-start
• Under-voltage lockout (UVLO)
• 12-pin 3mm x 3mm leadless MLF® package
• –40°C to +125°C junction temperature range
Applications
• Cell phones
• PDAs
• Digital cameras
• White LED flashlights
___________________________________________________________________________________________________________
Typical Application
Figure 1. High Power White LED Driver


Similar Part No. - MIC2299

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2299 MICREL-MIC2299 Datasheet
542Kb / 14P
3.5A Minimum, 2MHz High Brightness LED Driver
MIC2299-15YML MICREL-MIC2299-15YML Datasheet
542Kb / 14P
3.5A Minimum, 2MHz High Brightness LED Driver
More results

Similar Description - MIC2299

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2299 MICREL-MIC2299 Datasheet
542Kb / 14P
3.5A Minimum, 2MHz High Brightness LED Driver
MIC2298 MICREL-MIC2298 Datasheet
427Kb / 13P
3.5A Minimum, 1MHz Boost High Brightness White LED Driver
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
High Brightness LED Driver
logo
Micrel Semiconductor
MIC2298 MICREL-MIC2298_11 Datasheet
428Kb / 13P
3.5A Minimum, 1MHz Boost High Brightness White LED Driver
logo
Gamma Microelectronics ...
GM9910B GAMMA-GM9910B Datasheet
192Kb / 8P
UNIVERAL HIGH BRIGHTNESS LED DRIVER
logo
Bruckewell Technology L...
BW9910 BWTECH-BW9910 Datasheet
1Mb / 14P
High Brightness LED Driver
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
Universal High-Brightness LED Driver
01/27/15
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
Hysteretic, High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com