Electronic Components Datasheet Search
  English  ▼

X  

MIC2299 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2299
Description  3.5A Minimum, 2MHz High Brightness LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2299 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2299 Datasheet HTML 6Page - Micrel Semiconductor MIC2299 Datasheet HTML 7Page - Micrel Semiconductor MIC2299 Datasheet HTML 8Page - Micrel Semiconductor MIC2299 Datasheet HTML 9Page - Micrel Semiconductor MIC2299 Datasheet HTML 10Page - Micrel Semiconductor MIC2299 Datasheet HTML 11Page - Micrel Semiconductor MIC2299 Datasheet HTML 12Page - Micrel Semiconductor MIC2299 Datasheet HTML 13Page - Micrel Semiconductor MIC2299 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Micrel, Inc.
MIC2299
October 2007
10
M9999-101907-B
Figure 7. BRT Pin PWM Freq = 5kHz
BRT PWM Programming
Should the SS/DIM pin be used for voltage programming
the LED current, note that there will be a small offset due
to mismatches between the FB input and the impedance
driving the SS/DIM pin.
Soft Start Functionality
The soft start time is dependent on both CSS and the
comp capacitor values. CCOMP is fixed for stable
operation (typically 33nF); therefore, if any increases in
soft start are desired, this should be done using the CSS
capacitor. The approximate total startup time (in
milliseconds) is given by the larger of: -
SS
SS
C
k
ms
T
⋅
+
=
200
1
Or
6
10
44
/
1
−
⋅
+
=
COMP
SS
C
ms
T
E.g. for CCOMP = 33nF, use values of CCOMP > 4.3nF to
increase startup time from 1.75ms. The soft start
capacitor should be connected from the SS/DIM pin to
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com