Electronic Components Datasheet Search
  English  ▼

X  

MIC2299 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2299
Description  3.5A Minimum, 2MHz High Brightness LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2299 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2299 Datasheet HTML 1Page - Micrel Semiconductor MIC2299 Datasheet HTML 2Page - Micrel Semiconductor MIC2299 Datasheet HTML 3Page - Micrel Semiconductor MIC2299 Datasheet HTML 4Page - Micrel Semiconductor MIC2299 Datasheet HTML 5Page - Micrel Semiconductor MIC2299 Datasheet HTML 6Page - Micrel Semiconductor MIC2299 Datasheet HTML 7Page - Micrel Semiconductor MIC2299 Datasheet HTML 8Page - Micrel Semiconductor MIC2299 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Micrel, Inc.
MIC2299
October 2007
2
M9999-101907-B
Ordering Information
Part Number
OVP
Frequency
Junction Temp. Range
Package
Lead Finish
MIC2299-15YML
15V
2MHz
–40° to +125°C
12-Pin 3x3 MLF
®
Pb-Free
Note
MLF® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
PGND
SW
PGND
SW
5
1
BRT
SS/DIM
FB
AGND
12 COMP
EN
VIN
OVP
11
10
9
2
3
4
8
6
7
EP
12-Pin 3mm x 3mm MLF (ML)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
BRT
BRT (Input): Short this pin to GND to achieve 20% IOUT (1V gives IOUT at 100%).
As an alternative connect a resistor to GND to control the IOUT to >0.2IOUT. . A
10µA current source sets the voltage on the resistor. Hence a 50K resistor
would yield 0.5V which would be 50% of IOUT nominal.
2
SS/DIM
Soft start/dimming (input) 40k
Ω source from VFB. Connect a capacitor to GND
for soft-start. Clamp the pin to a known voltage to control the internal reference
voltage and hence the output current. This can also be done with a resistor to
GND
3
FB
Feedback (Input): Output voltage sense node. Connect the cathode of the LED
to this pin.
4
AGND
Analog Ground
5,6
PGND
Power Ground
7,8
SW
Switch Node (Input): Internal power BIPOLAR collector.
9
OVP
Over-Voltage Protection (OVP): Connect to the output voltage to clamp the
maximum output voltage. A resistor divider from this pin to ground could be
used to raise the OVP level beyond 15V (max).
10
VIN
Supply (Input): 2.5V to 10V for internal circuitry.
11
EN
Enable (Input): Logic High enables regulator. Logic Low shuts down regulator.
12
COMP
Compensation pin (Input): Add external R and C to GND to stabilize the
converter.
Pad
EP
Ground (Return): Backside exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com