Electronic Components Datasheet Search
  English  ▼

X  

MIC2568 Datasheet(PDF) 4 Page - MIC GROUP RECTIFIERS

Part # MIC2568
Description  Dual-Slot PC Card/CardBus Power Controller Preliminary
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2568 Datasheet(HTML) 4 Page - MIC GROUP RECTIFIERS

  MIC2568 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MIC2568
Micrel
MIC2568
4
May 2003
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
CC Switching Time (See Figure 2)
t
9
Output Turn-On Delay Time,
V
CC OUT = 0V to 10% of 3.3V
300
1500
µs
t
10
Note 9
V
CC OUT = 0V to 10% of 5.0V
750
3000
µs
t
11
Output Rise Time, Note 9
V
CC OUT = 10% to 90% of 3.3V
200
700
2500
µs
t
12
V
CC OUT = 10% to 90% of 5V
200
1500
6000
µs
t
13
Output Fall Time, Note 9
V
CC OUT = 90% to 10% of 3.3V
100
300
1000
µs
t
14
V
CC OUT = 90% to 10% of 5.0V
100
600
2000
µs
t
15
Output Turnoff Delay, Notes 8, 9
V
CC OUT = 3.3V
0.65
2
ms
t
16
V
CC OUT = 5V
0.7
2
ms
Power Supply
I
CC5
V
CC5 IN Supply Current (5V)
V
CC OUT = 5V or 3.3V, ICC OUT = 0
8
50
µA
Note 5
V
CC OUT = 0V (sleep mode)
0.2
10
µA
I
CC3
V
CC3 IN Supply Current (3.3V)
V
CC OUT = 5V or 3.3V, ICC OUT = 0
40
100
µA
Note 6
V
CC OUT = 0V (sleep mode)
0.1
10
µA
Thermal Shutdown
T
SD
Thermal Shutdown Temperature
140
°C
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4.
Specification for packaged product only.
Note 5.V
CC5 IN is not required for operation.
Note 6.
V
CC3 IN powers all internal logic, bias, and drive circuitry, and is required for operation.
Note 7.
R
L = 1kΩ connected to ground.
Note 8.
Measurement is from the Hi-Z- or 0V-state command to the beginning of the slope. Measurement does not apply when device is in current
limit or thermal shutdown.
Note 9.
R
L = 10Ω connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com