Electronic Components Datasheet Search
  English  ▼

X  

MIC2568 Datasheet(PDF) 9 Page - MIC GROUP RECTIFIERS

Part # MIC2568
Description  Dual-Slot PC Card/CardBus Power Controller Preliminary
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2568 Datasheet(HTML) 9 Page - MIC GROUP RECTIFIERS

Back Button MIC2568 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 10Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
May 2003
9
MIC2568
MIC2568
Micrel
5V-Only V
CC Application
To use the MIC2568 in applications where only a single 5V
V
CC is available (no 3.3V VCC), connect VCC5 (5V supply) to
the V
CC3 IN pin. Refer to Figure 4. In this configuration, VCC
OUT will be 5V when either VCC3 switch or VCC5 switch is
enabled.
MIC2568-0
Power
Controller
GND
A
⁄BVCC3 IN A⁄BVCC5 IN
5V
System Power Supply
Dual-Slot
PC Card
Logic Controller
A VPP OUT
A VCC OUT
B VPP OUT
B VCC OUT
PC Card
A
VPP1
VPP2
VCC
PC Card
B
VPP1
VPP2
VCC
Motherboard
Slot A
Slot B
Address and data lines
between logic controller and
PCMCIA cards not shown.
A EN1
A EN0
A VCC5 EN
A VCC3 EN
B EN1
B EN0
B VCC5 EN
B VCC3 EN
VCC
VCC
Figure 4. 5V-Only V
CC Application



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com