Electronic Components Datasheet Search
  English  ▼

X  

MIC2568 Datasheet(PDF) 5 Page - MIC GROUP RECTIFIERS

Part # MIC2568
Description  Dual-Slot PC Card/CardBus Power Controller Preliminary
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2568 Datasheet(HTML) 5 Page - MIC GROUP RECTIFIERS

  MIC2568 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2568 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
May 2003
5
MIC2568
MIC2568
Micrel
Output Timing Diagrams
5V
3.3V
0
0
AB
C
D
VPP
OFF
VPP
OFF
VPP to 5V
VPP to 3.3V
VPP
Enable
VPP
OUT
t2
t6
t4
t8
t3
t1
t5
t7
Figure 1. V
PP Timing Diagram
V
PP EN is shown generically. RL = 100Ω. Load capacitance is negligible. Refer to “MIC2568-0 Logic Table” for specific control
logic input.
At time A)V
PP = 3.3V, B)VPP is disabled, C)VPP is programmed to 5V, D)VPP is disabled.
AB
C
D
t9
t11
t15
t13
t10
t12
t16
t14
VCC
Enable
VCC
OUT
FLAG
VCC to 3.3V
VCC to 5V
VCC OFF
VCC OFF
0
5V
3.3V
0
0
Figure 2. V
CC Timing Diagram
V
CC EN is shown generically. RL = 10Ω. Refer to “MIC2568-0 Logic Table” for specific control logic input.
At time A)V
CC is programmed to 3.3V, B)VCC is disabled, C)VCC is programmed to 5V, D)VCC is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com