Electronic Components Datasheet Search
  English  ▼

X  

MIC2619 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # MIC2619
Description  1.2MHz PWM Boost Converter with OVP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2619 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  MIC2619 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Micrel, Inc.
MIC2619
March 2010
2
M9999-030410-A
Ordering Information
Part Number
Marking
(1)
Overvoltage
Protection
Junction Temp.
Range
Package
Lead Finish
MIC2619YD6
2619
Programmable
-40°C to +125°C
Thin SOT-23-6
Lead Free
Note:
1. Under bar( ) symbol may not be to scale.
Pin Configuration
6-Pin TSOT-23 (YD6)
Pin Description
Pin Number
Pin Name
Pin Function
1
SW
Switch Node (Input): Internal power bipolar collector.
2
GND
Ground.
3
FB
Feedback (Input): Output voltage sense node. Connect external resistor network to set
output voltage. Nominal feedback voltage is 1.265V.
4
EN
Enable (Input): Logic high enables regulator. Logic low shuts down regulator. Do not
leave floating.
5
OVP
Over-Voltage Protection (Input): Programmable to 35V, adjustable through resistor divider
network.
6
VIN
Supply (Input): 2.8V to 6.5V for internal circuitry. Requires a minimum 1.0µF ceramic
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com