Electronic Components Datasheet Search
  English  ▼

X  

MIC2619 Datasheet(PDF) 5 Page - MIC GROUP RECTIFIERS

Part # MIC2619
Description  1.2MHz PWM Boost Converter with OVP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2619 Datasheet(HTML) 5 Page - MIC GROUP RECTIFIERS

  MIC2619 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Micrel, Inc.
MIC2619
March 2010
5
M9999-030410-A
Typical Characteristics
(Continued)
Feedback Voltage
vs. T emperature
1.18
1.20
1.22
1.24
1.26
1.28
1.30
1.32
1.34
-40 -20
0
20 40 60 80 100 120
TEMPER ATURE (°C)
VIN = 3.6V
VOUT = 12V
IOUT = 25mA
L = 10µH
C = 1µF
Switching Frequency
vs. T emperature
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
-40 -20 0
2040 6080 100 120
Temperature (°C )
VIN = 3.6V
VOUT = 12V
IOUT = 25mA
L = 10µH
C = 1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com