Electronic Components Datasheet Search
  English  ▼

X  

MIC2619 Datasheet(PDF) 12 Page - MIC GROUP RECTIFIERS

Part # MIC2619
Description  1.2MHz PWM Boost Converter with OVP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2619 Datasheet(HTML) 12 Page - MIC GROUP RECTIFIERS

Back Button MIC2619 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 12Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 13Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 14Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 15Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Micrel, Inc.
MIC2619
March 2010
12
M9999-030410-A
MIC2619 Evaluation Board Schematic
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1608X5R1A105K
TDK
(1)
Capacitor, 1.0µF, 10V, X5R, 0603 size
GRM185R61A105KE36D
Murata
(2)
Capacitor, 1.0µF, 10V, X5R, 0603 size
C1
0603ZD105KT2A
AVX
(3)
Capacitor, 1.0µF, 10V, X5R, 0603 size
1
C2
TAJA106M010R
AVX
Capacitor, 10.0µF, 10V, A Case
1
C1608X7R11H223K
TDK
Capacitor, 22nF, 50V, X7R, 0603 size
GRM188R71H223KA01D
Murata
Capacitor, 22nF, 50V, X7R, 0603 size
C3
06035C223JAT2A
AVX
Capacitor, 22nF, 50V, X7R, 0603 size
1
08055D105MAT2A
AVX
Capacitor, 1.0µF, 50V, X5R, 0805 size
GRM21BR71H105KA12L
Murata
Capacitor, 1.0µF, 50V, X5R, 0805 size
C4
CL21B105KBFNNNE
Samsung
(4)
Capacitor, 1.0µF, 50V, X7R, 0805 size
1
SK14
MCC
(5)
Schottky Diode, 1A, 40V
D1
B140/B
Diode, Inc.
(6)
Schottky Diode, 1A, 40V
1
C1G22L100MNE
Samsung
Inductor, 10.0µH, 0.8A, 2.5 x 2.0 x 1.0mm
VLF3012ST-100MR59
TDK
Inductor, 10.0µH, 0.59A, 2.8 x 3.0 x 1.2mm
L1
LQH32PN100MN0L
Murata
Inductor, 10.0µH, 0.7A, 3.2 x 2.5 x 1.55mm
1
R1
CRCW0603267KFKEA
Vishay
(7)
Resistor, 267kΩ, 1%, 1/16W, 0603 size
1
R2, R5
CRCW060310K0FKEA
Vishay
Resistor, 10kΩ, 1%, 1/16W, 0603 size
2
R3
CRCW0603100KFKEA
Vishay
Resistor, 100kΩ, 1%, 1/16W, 0603 size
1
R4
CRCW0603226KFKEA
Vishay
Resistor, 226kΩ, 1%, 1/16W, 0603 size
1
U1
MIC2619YD6
Micrel, Inc.
(8)
1.2MHz PWM Boost Converter with OVP
1
Notes:
1. TDK: www.tdk.com
2. Murata: www.murata.com
3. AVX: www.avx.com
4. Samsung: www.sem.samsung.com
5. MCC: www.mccsemi.com
6. Diode, Inc.: www.diodes.com
7. Vishay: www.vishay.com
8. Micrel, Inc.: www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com