Electronic Components Datasheet Search
  English  ▼

X  

MIC3809BMM Datasheet(PDF) 6 Page - MIC GROUP RECTIFIERS

Part # MIC3809BMM
Description  Push-Pull PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC3809BMM Datasheet(HTML) 6 Page - MIC GROUP RECTIFIERS

Back Button MIC3809BMM Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 10Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MIC3808/3809
Micrel
MIC3808/3809
6
April 2005
Typical Characteristics
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
V
DD (V)
MIC3808 V
DD
vs. I
DD
0
1
2
3
4
5
6
7
0
2
4
6
8
10121416
V
DD (V)
MIC3809 V
DD
vs. I
DD
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
02468
10
12
14
V
DD (V)
MIC3809 Oscillator Variation
vs. V
DD
RESISTANCE (kΩ)
Frequency
vs. RC Values
C = 330pF
C = 100pF
C = 220pF
C = 1000pF
C = 680pF
C = 470pF
V
DD = 10V
C = 270pF
10k
100k
1M
50k
100k
150k
200k
0
50
75
100
125
150
175
200
CAPACITANCE (pF)
RC Pin Capacitance
vs. Deadtime
83
84
85
86
87
88
89
RESISTANCE (kΩ)
RC Pin Resistance
vs. Deadtime
1.970
1.975
1.980
1.985
1.990
1.995
2.000
2.005
2.010
2.015
8
9
10 11 12 13 14 15 16
V
DD (V)
MIC3808 V
REFERENCE
vs. V
DD
0.489
0.491
0.493
0.495
0.497
0.499
0.501
8
9
10 11 12 13 14 15 16
V
DD (V)
MIC3808 Current Limit
Threshold vs. V
DD
0.493
0.495
0.497
0.499
0.501
0.503
0.505
4
6
8
10
12
14
16
V
DD (V)
MIC3809 Current Limit
Threshold vs. V
DD
-3
-2
-1
0
1
2
3
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
MIC3809 Oscillator
Frequency Variation
vs. Temperature
V
DD = 5V
V
DD = 10V
1.85
1.87
1.89
1.91
1.93
1.95
1.97
1.99
2.01
2.03
2.05
4
6
8
1012141618
V
DD (V)
MIC3809 V
REFERENCE
vs. V
DD
1.97
1.98
1.98
1.99
1.99
2.00
2.00
2.01
2.01
2.02
2.02
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
Error Amplifier Reference
Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com