Electronic Components Datasheet Search
  English  ▼

X  

MIC3809BMM Datasheet(PDF) 9 Page - MIC GROUP RECTIFIERS

Part # MIC3809BMM
Description  Push-Pull PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC3809BMM Datasheet(HTML) 9 Page - MIC GROUP RECTIFIERS

Back Button MIC3809BMM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 11Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
April 2005
9
MIC3808/3809
MIC3808/3809
Micrel
Q
S
R
0.2V
VDD
2
VDD
OSCILLATOR
OUTPUT
RC
4
Figure 2. Oscillator
The voltage source to the resistor/capacitor timing compo-
nents is VDD. The internal turn-off comparator threshold in the
oscillator circuit is VDD/2. This allows the oscillator to track
changes in VDD and minimize frequency variations in the
oscillator. The oscillator frequency can be roughly approxi-
mated using the following formula:
F_oscillator = 1.41/R*C
Where: frequency is in Hz
Resistance is in Ohms
Capacitance is in Farads.
Graphs of oscillator frequency and dead time vs component
values are shown in the Typical Characteristic section of this
specification. The recommended range of timing resistors
and capacitors is 10kΩ to 200kΩ and 100pF to 1000pF. To
minimize oscillator noise and insure a stable waveform the
following layout rules should be followed:
1. The higher impedance of capacitor values less
than 100pF may causes the oscillator circuit to
become more susceptible to noise. Parasitic pin
and etch trace capacitances become a larger
part of the total RC capacitance and may
influence the desired switching frequency.
2. The circuit board etch between the timing
resistor, capacitor, RC pin and ground must be
kept as short as possible to minimize noise
pickup and insure a stable oscillator waveform.
3. The ground lead of the capacitor must be routed
close to the ground lead of the MIC3808/9.
Current Sensing and Overcurrent Protection
The CS pin features are:
1. Peak current limit
2. Overcurrent limit
3. Internal current sense discharge
4. Front edge blanking
In current mode control, a PWM comparator uses the inductor
current signal and the error amplifier signal to determine the
operating duty cycle. In the MIC3808/9 the signal at the CS
pin is level shifted up before it reaches the PWM comparator
as shown in Figure 1. This allows operation of the error
amplifier and PWM comparator in a linear region.
There are two current limit thresholds in the MIC3808/9; peak
current limit and overcurrent limit. The normal operating
voltage at the CS pin is designed less than these thresholds.
A pulse-by-pulse current limit occurs when the inductor
current signal at the CS pin exceeds the peak current limit
threshold. The on-time is terminated for the remainder of the
switching cycle, regardless of whether OUTA or OUTB is
active.
If the signal at the CS pin goes past the peak threshold and
exceeds the overcurrent limit threshold, the overcurrent limit
comparator forces the soft start node to discharge and
initiates a soft start reset.
An internal FET discharges the CS pin at the end of the
oscillator charge time. The FET turns on when the voltage on
the RC pin reaches the upper threshold (VDD/2) and remains
on for the duration of the RC pin discharge time and for
typically 100ns after the start of the next on-time period. The
100ns period at the beginning of the on-time implements a
front edge blanking feature that prevents false triggering of
the PWM comparator due to noise spikes on the leading edge
of the current turn-on signal. The front edge blanking also
sets the minimum on-time for OUTA and OUTB. The timing
diagram for the CS pin is shown in Figure 3.
RC Pin
Max ON time
dead time
Oscillator
Reset
CS Pin
OUTA
OUTB
dead time
Front edge blanking
Minimum ON time
Figure 3. Timing Diagram
Error Amplifier
The error amplifier is part of the voltage control loop of the
power supply. The FB pin is the inverting input to the error
amplifier. The non-inverting input is internally connected to a
reference voltage. The output of the error amplifier, COMP,
is connected to the PWM comparator. A voltage divider
between the error amplifier output (COMP pin) and the PWM
comparator allows the error amplifier to operate in a linear
region for better transient response. The output of the error
amplifier (COMP pin) is limited to typically 3.65V to prevent
the COMP pin from rising up too high during startup or during
a transient condition. This feature improves the transient
response of the power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com