Electronic Components Datasheet Search
  English  ▼

X  

MIC3809BMM Datasheet(PDF) 8 Page - MIC GROUP RECTIFIERS

Part # MIC3809BMM
Description  Push-Pull PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC3809BMM Datasheet(HTML) 8 Page - MIC GROUP RECTIFIERS

Back Button MIC3809BMM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC3809BMM Datasheet HTML 11Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MIC3808/3809
Micrel
MIC3808/3809
8
April 2005
Functional Description
The MIC3808/9 is a high-speed power supply controller with
push-pull output drive capability. MIC3808 has a higher VDD
turn-on threshold and more hysteresis between VDD turn-on
and turn-off than the MIC3809. The outputs of the controller
operate in a push-pull fashion with a guaranteed dead time
between them. A block diagram of the MIC3808/9 controller
is shown in Figure 1.
VDD and Turn-on Sequence
The oscillator and output gate drive signals are disabled
when VDD is lower than the turn on threshold. Circuitry in the
output drivers eliminates glitching or random pulsing during
the start-up sequence. The oscillator is enabled when VDD is
applied and reaches the turn-on threshold. The VDD com-
parator also turns off the internal soft-start discharge FET,
slowly bringing up the COMP pin voltage.
The VDD pin is internally clamped. As VDD approaches this
clamp voltage, the VDD current will increase over the normal
current draw of the IC. Exceeding the VDD zener shunt
voltage may cause excessive power dissipation in the
MIC3808/9.
Soft-Start
The soft start feature helps reduce surge currents at the
power supply input source. An internal current source and
capacitor ramp up from 0V to near Vdd at a typical rate of
1V/ms. The softstart feature limits the output voltage of the
Functional Diagram
T
Q
/Q
Q
S
R
Q
S1
S2
R
Q
S
R
Oscillator
VDD OK
VDD
VDD —1V
Peak Current
Comparator
Overcurrent
Comparator
PWM
Comparator
PWM
Latch
Slope = 1V/ms
Soft Start
2.2V
2.0V
0.5V
R
0.8V
14V
VDD
OUTA
OUTB
6
7
8
5
GND
0.5V
1.2R
0.75V
3.65V
Error
Amplifier
RC
4
FB
2
COMP
1
CS
3
Voltage
Reference
Figure 1. MIC3808 Block Diagram
error amplifier at the COMP pin. As the softstart voltage rises,
it allows the COMP pin voltage to rise, which in turn allows the
duty cycle of the output drivers to increase. The internal
softstart voltage is discharged and remains discharged dur-
ing the following conditions:
1. The VDD voltage drops below the turn-off
threshold
2. The voltage on the CS pin exceeds the
overcurrent comparator threshold
Once the internal softstart discharge FET is turned on, it
cannot be turned off until the internal softstart voltage drops
down below 0.5V. This insures a clean restart.
Oscillator
The oscillator operates at twice the switching frequency of
either OUTA or OUTB. The oscillator generates a sawtooth
waveform on the RC pin. The rising edge of the waveform is
controlled by the external resistor/capacitor combination.
The fall time is set by the on-resistance of the discharge FET
(see Figure 2). The fall time sets the delay (dead time)
between the turn-off of one output driver and the turn-on of the
other driver. A toggle flip-flop insures that drive signals to
OUTA and OUTB are alternated and therefore insures a
maximum duty cycle of less than 50% for each output driver.
Graphs of component values vs. oscillator frequency and
dead time are shown in the typical characteristic section of
this specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com