Electronic Components Datasheet Search
  English  ▼

X  

MIC3838BMM Datasheet(PDF) 4 Page - MIC GROUP RECTIFIERS

Part # MIC3838BMM
Description  Flexible Push-Pull PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC3838BMM Datasheet(HTML) 4 Page - MIC GROUP RECTIFIERS

  MIC3838BMM Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MIC3838/3839
Micrel
MIC3838/3839
4
April 2005
Electrical Characteristics (Note 5)
TA = TJ = –40°C to +85°C, VDD=10V, Note 10,1µF capacitor from VDD to GND, R=22kΩ, C=330pF.
Parameter
Condition
Min
Typ
Max
Units
Internal Reference Section
Output voltage
IOUT = 0mA
2.85
3.0
3.15
V
Line Regulation
MIC3838 9V ≤ VDD ≤12V
2
10
mV
MIC3839 5V ≤ VDD ≤12V
Load Regulation
IOUT = 1mA
14
30
mV
Oscillator Section
Oscillator Frequency
180
200
220
kHz
Oscillator Amplitude/VDD
Note 6
0.44
0.5
0.56
V/VDD
Error Amp Section
Input Voltage
COMP = 2V
1.95
2
2.05
V
Input Bias Current
–1
1
µA
Open Loop Voltage Gain
(Guaranteed by design)
60
80
dB
COMP Sink Current
FB = 2.2V, COMP = 1V
0.3
2.5
mA
COMP Source Current
FB = 1.3V, COMP = 3V, Note 7
–0.15
–0.5
mA
COMP PM Clamp Voltage
VFB = 0V
3.1
3.6
4.0
V
PWM Section
Maximum Duty Cycle
Measured at OUTA or OUTB
48
49
50
%
Minimum Duty Cycle
COMP = 0V
0%
Current Sense Section
Gain
Guaranteed by design, Note 8
1.9
2.2
2.5
V/V
ILIM Maximum Input Signal
Note 9
0.45
0.5
0.55
V
ILIM to Output Delay
COMP = 3V, ILIM from 0mV to 600mV
70
200
ns
Ramp or ILIM Source Current
–200
nA
Ramp or ILIM Sink Current
Ramp = ILIM = 0.5V, RC = 5.5V Note 10
510
mA
ILIM Over Current Threshold
0.7
0.75
0.8
V
COMP to Ramp Offset
Ramp = ILIM = 0V
0.35
0.8
1.2
V
Output Section
OUT Low Level
I = 100mA
0.5
1
V
OUT High Level
I = –50mA, VDD – OUT
0.5
1
V
Rise Time
CL = 1nF
25
60
ns
Fall Time
CL = 1nF
25
60
ns
Absolute Maximum Rating (Note 1)
Supply Voltage (IDD ≤10mA) ...................................... +15V
Supply Current ........................................................... 20mA
OUTA/OUTB Source Current (peak) ...................... –0.5A
OUTA/OUTB Sink Current (peak) ............................ 1.0A
COMP Pin .................................................................... VDD
Analog Inputs (FB, ILIM, RAMP) ......... –0.3V to VDD +0.3V
NOT TO EXCEED 6V
Junction Temperature .............................. –55°C to +150°C
Storage Temperature (TS) ....................... –65°C to +150°C
Lead Temperature (soldering, 10 sec.) ................... +300°C
ESD Rating, Note 3 ...................................................... 2kV
Operating Ratings (Note 2)
VDD Input Voltage (VDD) .......................................... Note 4
Oscillator Frequency (fOSC) ....................... 10kHz to 1MHz
Ambient Temperature (TA) ......................... –40°C to +85°C
Package Thermal Resistance
MSOP-10 (θJA) ..................................................115°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com