Electronic Components Datasheet Search
  English  ▼

X  

MIC3838BMM Datasheet(PDF) 7 Page - MIC GROUP RECTIFIERS

Part # MIC3838BMM
Description  Flexible Push-Pull PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC3838BMM Datasheet(HTML) 7 Page - MIC GROUP RECTIFIERS

Back Button MIC3838BMM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 11Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
April 2005
7
MIC3838/3839
MIC3838/3839
Micrel
2.000
2.010
2.020
2.030
2.040
TEMPERATURE (°C)
MIC3839 Error Amplifier
Reference vs. Temperature
V
IN
= 10V
V
IN
= 5V
0.5
0.51
0.52
0.53
0.54
0.55
0.56
8
9
10 11 12 13 14 15 16
V
DD (V)
MIC3838 Current Limit
Threshold vs. V
DD
0.520
0.525
0.530
0.535
0.540
02468
10 12 14
V
DD (V)
MIC3839 Peak Current Limit
vs. V
DD
0.515
0.520
0.525
0.530
0.535
0.540
0.545
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
MIC3838 Peak Current Limit
vs. Temperature
V
IN
= 10V
0.500
0.505
0.510
0.515
0.520
0.525
0.530
0.535
0.540
0.545
0.550
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
MIC3839 Peak Current Limit
vs. Temperature
V
IN
= 5V
V
IN
= 10V
2.960
2.970
2.980
2.990
3.000
3.010
3.020
456789 10 11 12 13 14
V
DD (V)
MIC3839 3V Reference
Voltage vs. V
DD
2.950
2.960
2.970
2.980
2.990
3.000
3.010
3.020
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
MIC3838 3V Reference
vs. Temperature
V
IN
= 10V
2.950
2.960
2.970
2.980
2.990
3.000
3.010
3.020
3.030
3.040
3.050
3.060
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
MIC3839 3V Reference
vs. Temperature
V
IN
= 10V
V
IN
= 5V
-40
-20
0
20
40
60
80
100
120
0
45
90
135
180
FREQUENCY (Hz)
MIC3838 Error Amplifier
Phase-Gain vs. Frequency
2.96
2.97
2.98
2.99
3.00
3.01
3.02
0
0.5
1.0
1.5
REFERENCE CURRENT (mA)
MIC3839 3V Reference Voltage
vs. Current
V
DD
= 4.3V
V
DD
= 10.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com