Electronic Components Datasheet Search
  English  ▼

X  

MIC3838BMM Datasheet(PDF) 6 Page - MIC GROUP RECTIFIERS

Part # MIC3838BMM
Description  Flexible Push-Pull PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC3838BMM Datasheet(HTML) 6 Page - MIC GROUP RECTIFIERS

Back Button MIC3838BMM Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC3838BMM Datasheet HTML 10Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MIC3838/3839
Micrel
MIC3838/3839
6
April 2005
Typical Characteristics
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
02468
10 12 14
V
DD (V)
MIC3838
I
DD Current
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
02468
10 12 14
V
DD (V)
MIC3839
I
DD Current
1.220
1.230
1.240
1.250
1.260
TEMPERATURE (°C)
MIC3838 I
DD Current
vs. Temperature
V
IN = 10V
1.000
1.100
1.200
1.300
1.400
TEMPERATURE (°C)
MIC3839 I
DD Current
vs. Temperature
V
IN
= 10V
V
IN
= 5V
RESISTANCE (kΩ)
Oscillator Frequency
vs. RC Values
C = 330pF
C = 100pF
C = 220pF
C = 1000pF
C = 680pF
C = 470pF
V
DD = 10V
C = 270pF
10k
100k
1M
50k
100k
150k
200k
0
50
75
100
125
150
175
200
CAPACITANCE (pF)
RC Pin Capacitance
vs. Deadtime
83
84
85
86
87
88
89
RESISTANCE (kΩ)
RC Pin Resistance
vs. Deadtime
-1.00
-0.50
0.00
0.50
1.00
1.50
TEMPERATURE (°C)
MIC3838 Oscillator Variation
vs. Temperature
V
IN
= 10V
-1.500
-1.000
-0.500
0.000
0.500
1.000
1.500
2.000
TEMPERATURE (°C)
MIC3839 % Oscillator
Variation vs. Temperature
V
IN = 10V
V
IN = 5V
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
02468
10
12
14
V
DD (V)
MIC3839 Oscillator Variation
vs. V
DD
OPERATING
1.92
1.94
1.96
1.98
2.00
2.02
2.04
4
6
8
1012141618
V
DD (V)
MIC3839 Error Amplifier
Reference vs. V
DD
1.990
2.000
2.010
2.020
2.030
2.040
TEMPERATURE (°C)
MIC3838 Error Amplifier
Reference vs. Temperature
V
IN
= 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com