Electronic Components Datasheet Search
  English  ▼

X  

MIC3839BMM Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # MIC3839BMM
Description  Flexible Push-Pull PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC3839BMM Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  MIC3839BMM Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
April 2005
3
MIC3838/3839
MIC3838/3839
Micrel
Pin Description
Pin Number
Pin Name
Pin Function
7, 8
OUTB, OUTA
Alternating high current output stages. Both stages are capable of driving
the gate of a power MOSFET. Each stage is capable of 500mA peak source
current, and 1A peak sink current.
The output stages switch at half the oscillator frequency, in a push/pull
configuration. When the voltage on the RC pin is rising, one of the two
outputs is high, but during fall time, both outputs are off. This “dead time”
between the two outputs, along with a slower output rise time than fall time,
insures that the two outputs can not be on at the same time. This dead time
is typically 60ns to 200ns and depends upon the values of the timing
capacitor and resistor.
The high-current output drivers consist of MOSFET output devices, which
switch from VDD to GND. Each output stage also provides a very low
impedance to overshoot and undershoot. This means that in many cases,
external Schottky clamp diodes are not required.
9
VDD
The power input connection for this device. Total VDD current is the sum of
quiescent VDD current and the average gate drive (OUT) current. Knowing
the operating frequency and the MOSFET gate charge (Qg), average OUT
current can be calculated from IOUT = Qg • F, where Qg is the total gate
change of all MOSFETs (OUTA and OUTB) and F is oscillator switching
frequency. To prevent noise problems, bypass VDD to GND with a ceramic
capacitor as close to the chip as possible. A 1µF decoupling capacitor is
recommended.
10
VREF
Internal 3V supply. Will source 1mA maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com