Electronic Components Datasheet Search
  English  ▼

X  

MIC3839BMM Datasheet(PDF) 8 Page - MIC GROUP RECTIFIERS

Part # MIC3839BMM
Description  Flexible Push-Pull PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC3839BMM Datasheet(HTML) 8 Page - MIC GROUP RECTIFIERS

Back Button MIC3839BMM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 11Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MIC3838/3839
Micrel
MIC3838/3839
8
April 2005
Functional Description
The MIC3838/9 is a high-speed power supply controller with
push-pull output drive capability. MIC3838 has a higher VDD
turn-on threshold and more hysteresis between VDD turn-on
and turn-off than the MIC3839. The outputs of the controller
operate in a push-pull fashion with a guaranteed dead time
between them. A block diagram of the MIC3838/9 controller
is shown in Figure 1.
Functional Diagram
T
Q
/Q
Q
S
R
Q
S
R
Q
S
R
Oscillator
VDD OK
VDD
VDD Ð1V
Peak Current
Comparator
Overcurrent
Comparator
PWM
Comparator
PWM
Latch
Slope = 1V/ms
Soft Start
2.2V
2.0V
0.5V
R
0.8V
14V
VDD
OUTA
OUTB
GND
0.5V
1.2R
0.75V
Error
Amplifier
RC
VREF
FB
COMP
RAMP
ILIM
Voltage
Reference
3.65V
Figure 1. MIC3838 Block Diagram
MIC3838
330pF
330pF
VIN = 36V to 75V
50k
150k
13k
4.5k
VCOMP
0.5V
0.75V
Peak Current
Comparator
Over Current
Comparator
PWM
Comparator
Oscillator
VMAX at Ramp Input = 1.5V
VMAX at ILIM Input = 0.5V
Figure 2. Volt Second Clamp and Voltage Feed Forward Circuit
VDD and Turn-on Sequence
The oscillator and output gate drive signals are disabled
when VDD is lower than the turn on threshold. Circuitry in the
output drivers eliminates glitching or random pulsing during
the start-up sequence. The oscillator is enabled when VDD is
applied and reaches the turn-on threshold. The VDD com-
parator also turns off the internal soft-start discharge FET,
slowly bringing up the COMP pin voltage.
The VDD pin is internally clamped. As VDD approaches this
clamp voltage, the VDD current will increase over the normal
current draw of the IC. IDD currents greater than 20mA may
cause excessive power dissipation in the MIC3838/9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com