Electronic Components Datasheet Search
  English  ▼

X  

MIC3839BMM Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # MIC3839BMM
Description  Flexible Push-Pull PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC3839BMM Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  MIC3839BMM Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC3839BMM Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
April 2005
1
MIC3838/3839
MIC3838/3839
Micrel
MIC3838/3839
Flexible Push-Pull PWM Controller
General Description
The MIC3838 and MIC3839 are a family of complementary
output push-pull PWM control ICs that feature high speed and
low power consumption. The MIC3838/9 are ideal for telecom
level (36V to 75V) isolated step down dc/dc conversion
applications where high output current, small size, and high
efficiency are required
The MIC3838/9 are designed for high flexibility with minimum
pin-count. The devices are easily configurable for either
voltage-mode or current-mode control. Additionally, the
MIC3838/9 can easily implement a volt-second clamp that
automatically limits the duty cycle during input transients,
allowing designers to use the smallest possible transformers
and power components. A 3V reference output is also avail-
able that eliminates the need for an external reference.
The dual-ended push-pull architecture of the MIC3838/9
allows more efficient utilization of the transformer than single-
ended topologies, allowing smaller size dc/dc solutions.
Additionally, the out-of-phase push-pull topology allows a
higher effective duty cycle, reducing input and output ripple
as well as stress on the external components. The dead-time
between the two outputs is adjustable between 60ns to
200ns, limiting the duty cycle of each output stage to less than
50%.
The MIC3838 has a turn-on threshold of 12.5V whereas the
MIC3839 has a lower turn-on threshold of 4.3V. Both devices
are available in a small size MSOP-10 package with an
operating range of –40°C to +85°C.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• Dual output drive stages in push-pull configuration
• Configurable for current-mode or voltage-mode control
• Easily implements volt-second clamp
• Leading edge current-sense blanking
• 3V reference output available
• 130µA typical start-up current
• 1mA typical run current
• Operation to 1MHz
• On-chip error amplifier with 4MHz gain bandwidth
product
• Internal soft start
• On-chip VDD clamping
• Output drive stages capable of 500mA peak source
current, 1A peak sink current
Applications
• High efficiency “brick” power supply modules
• Half bridge converters
• Full bridge converters
• Push-pull converters
• Voltage-fed push-pull converters
• Telecom equipment and power supplies
• Industrial power supplies
• 42V automotive power supplies
• Base stations
• Networking power supplies
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
Typical Application
MIC3838x-x
VOUT
12V 100W
VREF
RC
VDD
OUTA
COMP
GND
OUTB
RAMP
FB
ILIM
Start-Up
Circuitry
Reference
& Isolation
Feed Forward
Ramp/
Volt Sec Clamp
VIN
36V to 75V
Voltage-Mode Half-Bridge Converter CIrcuit


Similar Part No. - MIC3839BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3839BMM MICREL-MIC3839BMM Datasheet
341Kb / 11P
Flexible Push-Pull PWM Controller
MIC3839BMM MICREL-MIC3839BMM Datasheet
196Kb / 11P
Flexible Push-Pull PWM Controller
More results

Similar Description - MIC3839BMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
100V Push-Pull Voltage Mode PWM Controller
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838 Datasheet
341Kb / 11P
Flexible Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
Push-Pull PWM Controller
MIC3838 MICREL-MIC3838_05 Datasheet
196Kb / 11P
Flexible Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
Push-Pull PWM Controller
logo
Texas Instruments
LM5033 TI1-LM5033_14 Datasheet
1Mb / 23P
100V Push-Pull Voltage Mode PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
Push-Pull PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com