Electronic Components Datasheet Search
  English  ▼

X  

MIC5191YML Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC5191YML
Description  Ultra High-Speed, High-Current Active Filter / LDO Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5191YML Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC5191YML Datasheet HTML 7Page - Micrel Semiconductor MIC5191YML Datasheet HTML 8Page - Micrel Semiconductor MIC5191YML Datasheet HTML 9Page - Micrel Semiconductor MIC5191YML Datasheet HTML 10Page - Micrel Semiconductor MIC5191YML Datasheet HTML 11Page - Micrel Semiconductor MIC5191YML Datasheet HTML 12Page - Micrel Semiconductor MIC5191YML Datasheet HTML 13Page - Micrel Semiconductor MIC5191YML Datasheet HTML 14Page - Micrel Semiconductor MIC5191YML Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Micrel, Inc.
MIC5191
December 2006
13
M9999-122206
The transient response also contributes to the overall AC
output voltage deviation. Figure 12 shows a 1A to 10A
load transient. The top trace is the output of the
switching regulator (same circuit as Figure10). The
output voltage undershoots by 100mV. Just by their
topology, linear regulators have the ability to respond at
much higher speeds than a switching regulator. Linear
regulators do not have the limitation or restrictions of
switching regulators which must reduce their bandwidth
to less than their switching frequency.
Using the MIC5191 as a filter for a switching regulator
reduces output noise due to ripple and high frequency
switching noise. It also reduces undershoot (Figure 12)
and over-shoot (Figure 13) due to load transients with
decreased capacitance.
Figure 13. Transient Response
Due to the high DC gain (80dB) of the MIC5191, it also
adds increased output accuracy and extremely high load
regulation.
Distributed Power Supply
As technology advances and processes move to smaller
and smaller geometries, voltage requirements go down
and current requirements go up. This creates unique
challenges when trying to supply power to multiple
devices on a board. When there is one load to power,
the difficulties are not quite as complex; trying to
distribute power to multiple loads from one supply is
much more problematic.
If a large circuit board has multiple small-geometry
ASICs, it will require the powering of multiple loads with
its one power source. Assuming that the ASICs are
dispersed throughout the board and that the core voltage
requires a regulated 1V, Figure 14 shows the long traces
from the power supply to the loads. Not only do we have
to contend with the tolerance of the supply (line
regulation, load regulation, output accuracy and
temperature tolerances), but the trace lengths create
additional issues with resistance and inductance. With
lower voltages these parasitic values can easily bump
the output voltage out of a usable tolerance.
Load
Load
Switching
Power
Supply
Circuit Board
Load
Load
Long Traces
Figure 14. Board Layout
But by placing multiple, small MIC5191 circuits close to
each load, the parasitic trace elements caused by
distance to the power supply are almost completely
negated. By adjusting the switching supply voltage to
1.2V, for example, the MIC5191 will provide accurate 1V
output, efficiently and with very little noise.
Load
Load
Switching
Power
Supply
Circuit Board
Load
Load
MIC5191
MIC5191
MIC5191
MIC5191
Figure 15. Improved Distributed Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com