Electronic Components Datasheet Search
  English  ▼

X  

MIC5191YML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5191YML
Description  Ultra High-Speed, High-Current Active Filter / LDO Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5191YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5191YML Datasheet HTML 1Page - Micrel Semiconductor MIC5191YML Datasheet HTML 2Page - Micrel Semiconductor MIC5191YML Datasheet HTML 3Page - Micrel Semiconductor MIC5191YML Datasheet HTML 4Page - Micrel Semiconductor MIC5191YML Datasheet HTML 5Page - Micrel Semiconductor MIC5191YML Datasheet HTML 6Page - Micrel Semiconductor MIC5191YML Datasheet HTML 7Page - Micrel Semiconductor MIC5191YML Datasheet HTML 8Page - Micrel Semiconductor MIC5191YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Micrel, Inc.
MIC5191
December 2006
3
M9999-122206
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)....................................................+6.0V
Enable Voltage (VEN)....................................................+14V
VCC1, VCC2....................................................................+14V
Junction Temperature (TJ) ..................–40°C ≤ TJ ≤ +125°C
ESD Rating
(3)
Operating Ratings
(2)
Supply Voltage (VIN)..................................... +1.0V to +5.5V
Enable Voltage (VEN)............................................. 0V to VCC
VCC1, VCC2.................................................. +4.5V to +13.2V
Junction Temperature (TJ) ..................–40°C ≤ TJ ≤ +125°C
Package Thermal Resistance
3x3 MLF-10 (
θJA)
(4).............................................60°C/W
MSOP-10 (
θJA)
(5) ..............................................200°C/W
Electrical Characteristics
(6)
TA = 25°C with VIN = 1.2V; VCC = 12V; VOUT = 1.0V; bold values indicate –40°C< TJ < +125°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
At 25°C
–1
+1
%
Output Voltage Accuracy
Over temperature range
–2
+2
%
Output Voltage Line Regulation
VIN = 1.2V to 5.5V
–0.1
0.005
+0.1
%/V
Feedback Voltage
0.99
1
1.01
V
Output Voltage Load Regulation
IL = 10mA to 1A
0.02
0.5
%
VCC Pin Current (VCC1 + VCC2)
Enable = 0V
40
µA
VCC Pin Current (VCCsig + VCCdrv)
Enable = 5V
15
20
mA
VIN Pin Current
Current from VIN
10
15
µA
FB Bias Current
13
30
µA
Current Limit Threshold
35
50
70
mV
Start-up Time
VEN = VIN
25
100
µs
Regulator enable
0.8
0.6
V
Enable Input Threshold
Regulator shutdown
0.5
0.2
V
Enable Hysteresis
100
mV
VIL < 0.2V (Regulator shutdown)
100
nA
Enable Pin Input Current
VIH > 0.8V (Regulator enabled)
100
nA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. Per JESD 51-5 (1S2P Direct Attach Method).
5. Per JESD 51-3 (1S0P).
6. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com