Electronic Components Datasheet Search
  English  ▼

X  

MIC5191YML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5191YML
Description  Ultra High-Speed, High-Current Active Filter / LDO Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5191YML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5191YML Datasheet HTML 1Page - Micrel Semiconductor MIC5191YML Datasheet HTML 2Page - Micrel Semiconductor MIC5191YML Datasheet HTML 3Page - Micrel Semiconductor MIC5191YML Datasheet HTML 4Page - Micrel Semiconductor MIC5191YML Datasheet HTML 5Page - Micrel Semiconductor MIC5191YML Datasheet HTML 6Page - Micrel Semiconductor MIC5191YML Datasheet HTML 7Page - Micrel Semiconductor MIC5191YML Datasheet HTML 8Page - Micrel Semiconductor MIC5191YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Micrel, Inc.
MIC5191
December 2006
2
M9999-122206
Ordering Information
Part Number
Standard
Pb-Free
Voltage
Junction
Temperature Range
Package
MIC5191BML
MIC5191YML
Adj.
–40° to +125°C
10-Pin 3mm x 3mm MLF
®
MIC5191BMM
MIC5191YMM
Adj.
–40° to +125°C
10-Pin MSOP
Pin Configuration
COMP
EN
5
1
VIN
FB
SGND
VCC1
10 IS
PGND
OUT
VCC2
9
8
7
2
3
4
6
COMP
EN
6
5
1
VIN
FB
SGND
VCC1
10 IS
PGND
OUT
VCC2
9
8
7
2
3
4
10-Pin 3mm x 3mm MLF
® (ML)
Top View
10-Pin MSOP (MM)
Top View
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Input voltage (current sense +).
2
FB
Feedback input to error amplifier.
3
SGND
Signal ground.
4
VCC1
Supply to the internal voltage regulator.
5
COMP
Error amplifier output for external compensation.
6
EN
Enable (Input): CMOS-compatible.
Logic high = Enable, Logic low = Shutdown. Do not float pin.
7
VCC2
Power to output driver.
8
OUT
Output drive to gate of power MOSFET.
9
PGND
Power ground
10
IS
Current sense.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com