Electronic Components Datasheet Search
  English  ▼

X  

SY88922 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88922
Description  SDH/SONET 2.5Gbps LASER DIODE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88922 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88922 Datasheet HTML 1Page - Micrel Semiconductor SY88922 Datasheet HTML 2Page - Micrel Semiconductor SY88922 Datasheet HTML 3Page - Micrel Semiconductor SY88922 Datasheet HTML 4Page - Micrel Semiconductor SY88922 Datasheet HTML 5Page - Micrel Semiconductor SY88922 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SY88922
Micrel, Inc.
M9999-091906
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
10-Pin MSOP (K10-1)
Ordering Information
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY88922KC
K10-1
Commercial
922
Sn-Pb
SY88922KCTR(1)
K10-1
Commercial
922
Sn-Pb
SY88922KG
K10-1
Commercial
922 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY88922KGTR(1)
K10-1
Commercial
922 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Note:
1.
Tape and Reel.
1
/EN
DIN
/DIN
VREF
RSET
10 VCC
OUT
/OUT
GND
GND
9
8
7
6
2
3
4
5
MSOP
K10-1
Pin
Function
VCC
Most positive power supply input, +5V for PECL
operation.
GND
Ground
DIN, /DIN
These differential PECL 100K compatible inputs
receive NRZ data.
/EN
This PECL 100K compatible input enables
Laser Driver. Modulation current goes to zero
when asserted HIGH.
OUT, /OUT
Open collector outputs from the modulation
buffer drive these differential current outputs.
VREF
Voltage reference for use with RSET.
RSET
An external resistor sets up the source current
for modulation Imod.
DD
/EN
OUT(2)
/OUT
LH
LH
L
H
LLL
H
XX
H
H
L
Notes:
1. L = LOW, H = HIGH, X = don't care
2. H = IOUT = 0mA
PIN NAMES
TRUTH TABLE(1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com