Electronic Components Datasheet Search
  English  ▼

X  

SY88922 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88922
Description  SDH/SONET 2.5Gbps LASER DIODE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88922 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88922 Datasheet HTML 1Page - Micrel Semiconductor SY88922 Datasheet HTML 2Page - Micrel Semiconductor SY88922 Datasheet HTML 3Page - Micrel Semiconductor SY88922 Datasheet HTML 4Page - Micrel Semiconductor SY88922 Datasheet HTML 5Page - Micrel Semiconductor SY88922 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SY88922
Micrel, Inc.
M9999-091906
hbwhelp@micrel.com or (408) 955-1690
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage
0 to +7.0
V
VI
Input Voltage
0 to VCC
V
IO
Output Current
25
mA
TA
Operating Temperature Range
0 to +85
°C
Tstore
Storage Temperature Range
–55 to +125
°C
TJ
Maximum Operating Junction Temperature
+125
°C
Ptot
Power Dissipation
250
mW
ABSOLUTE MAXIMUM RATINGS(1)
Note:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at
conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods
may affect device reliability.
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage
+4.5 to +5.5
V
REXT
Resistor to Dissipate Power
10 to 50
Ω
RSER
Laser Diode Serial Resistor
0 to 50
Ω
RSET
Resistor to Adjust Current
1500 to 50,000
Ω
θJA
Thermal Resistance of Package to Ambient(2)
113
°C/W
COUT
Capacitance on OUT + /OUT
2.5 typical
pf
OPERATIONING CONDITIONS(1)
Notes:
1. The voltage drop across REXT and RSER plus Laser Diode should not be greater than 2V.
2. Still air without heatsink.
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VIH
Input HIGH Voltage
VCC–1165
—
VCC–880
VCC–1165
—
VCC–880 VCC–1165
—
VCC–880
mV
(DIN, /DIN, /EN)
VIL
Input LOW Voltage
VCC–1810
—
VCC–1475 VCC–1810
—
VCC–1475 VCC–1810
—
VCC–1475
mV
(DIN, /DIN, /EN)
VREF
Reference Voltage
—
3.12
—
—
3.00
—
—
2.80
—
V
IIL
Input LOW Current(1)
0.5
—
—
0.5
—
—
0.5
—
—
uA
(DIN, /DIN, /EN)
IIH
Input HIGH Current
—
—
100
—
—
100
—
—
100
uA
(DIN, /DIN, /EN)
ICC
Supply Current(2)
—16
25
—
16
25
—
16
25
mA
IOL
Output LOW Current
—
—
500
—
—
500
—
—
500
uA
(/EN = HIGH)
IOUT
Modulation Current
5
15
25
5
15
25
5
15
25
mA
IRSET
Modulation Control
0.125
—
0.625
0.125
—
0.625
0.125
—
0.625
mA
ARSET
=IOUT/IRSET
30
38
44
30
38
44
30
38
44
—
Notes:
1. VI = VIL(Min.)
2. IMOD = 25mA.
DC ELECTRICAL CHARACTERISTICS
GND = 0V; VCC = +5.0V ±10%; TA = 0°C to + 85°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com