Electronic Components Datasheet Search
  English  ▼

X  

SY88922 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88922
Description  SDH/SONET 2.5Gbps LASER DIODE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88922 Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88922 Datasheet HTML 1Page - Micrel Semiconductor SY88922 Datasheet HTML 2Page - Micrel Semiconductor SY88922 Datasheet HTML 3Page - Micrel Semiconductor SY88922 Datasheet HTML 4Page - Micrel Semiconductor SY88922 Datasheet HTML 5Page - Micrel Semiconductor SY88922 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SY88922
Micrel, Inc.
M9999-091906
hbwhelp@micrel.com or (408) 955-1690
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Conditions
tpd D
Propagation Delay
—
—
1000
—
500
1000
—
—
1000
ps
DIN - OUT
tpd EN
Propagation Delay
—
—
1000
—
450
1000
—
—
1000
ps
/EN - OUT
tr
Rise/Fall Time
—
—
160
—
110
160
—
—
160
ps
Load = 25Ω
tf
(20% to 80%)
IOR
Output Current Ringing(2)
——
10
——
10
——
10
%
AC ELECTRICAL CHARACTERISTICS(1)
IMOD =10mA; GND = 0V; VCC = +5V ±10%; TA = 0°C to + 85°C.
Notes:
1. REXT = RSER = 25Ω ±1%, RSER connects to VCC directly without Laser Diode.
2. IOH = 5 to 25mA
PERFORMANCE CURVES
10
20
25
30
IO and RSET
0.0
0.0
15
5
4.0K
6.0K
8.0K
10K
2.0K
RSET
(ohm)
12K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com