Electronic Components Datasheet Search
  English  ▼

X  

IXGH6N170 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGH6N170
Description  High Voltage IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH6N170 Datasheet(HTML) 3 Page - IXYS Corporation

  IXGH6N170 Datasheet HTML 1Page - IXYS Corporation IXGH6N170 Datasheet HTML 2Page - IXYS Corporation IXGH6N170 Datasheet HTML 3Page - IXYS Corporation IXGH6N170 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2006 IXYS All rights reserved
IXGH 6N170
IXGT 6N170
Fig. 1. Output Characteristics
@ 25ºC
0
1
2
3
4
5
6
7
8
9
10
11
12
01
23
4
5
6
VCE - Volts
VGE = 15V
13V
11V
7V
9V
Fig. 2. Exteded Output Characteristics
@ 25ºC
0
3
6
9
12
15
18
21
24
27
30
0
2
4
6
8
10
12
14
16
18
VCE - Volts
VGE = 15V
7V
11V
9V
13V
Fig. 3. Output Characteristics
@ 125ºC
0
2
4
6
8
10
12
0123
45678
VCE - Volts
VGE = 15V
13V
11V
7V
9V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGE = 15V
I C = 12A
I C = 6A
I C = 3A
Fig. 5. Input Admittance
0
1
2
3
4
5
6
7
8
9
10
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
VGE - Volts
TJ = 125ºC
25ºC
- 40ºC
Fig. 6. Transconductance
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
123
456
789
10
IC - Amperes
TJ = -40ºC
25ºC
125ºC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com