Electronic Components Datasheet Search
  English  ▼

X  

IXGH6N170 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXGH6N170
Description  High Voltage IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH6N170 Datasheet(HTML) 4 Page - IXYS Corporation

  IXGH6N170 Datasheet HTML 1Page - IXYS Corporation IXGH6N170 Datasheet HTML 2Page - IXYS Corporation IXGH6N170 Datasheet HTML 3Page - IXYS Corporation IXGH6N170 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGH 6N170
IXGT 6N170
Fig. 7. Gate Charge
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
14
16
18
20
QG - NanoCoulombs
VCE = 850V
I C = 6A
I G = 10 mA
Fig. 8. Capacitance
1
10
100
1,000
0
5
10
15
20
25
30
35
40
VCE - Volts
f = 1 MHz
Cies
Coes
Cres
Fig. 10. Maximum Transient Thermal
Resistance
0.1
1.0
10.0
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
Fig. 9. Reverse-Bias Safe Operating Area
0
1
2
3
4
5
6
7
8
9
10
11
12
13
100
300
500
700
900
1100
1300
1500
1700
VCE - Volts
TJ = 125ºC
RG = 33
Ω
dV / dT < 10V / ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com