Electronic Components Datasheet Search
  English  ▼

X  

IXGH6N170 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGH6N170
Description  High Voltage IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH6N170 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGH6N170 Datasheet HTML 1Page - IXYS Corporation IXGH6N170 Datasheet HTML 2Page - IXYS Corporation IXGH6N170 Datasheet HTML 3Page - IXYS Corporation IXGH6N170 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2006 IXYS All rights reserved
V
CES
= 1700
V
I
C25
=
12
A
V
CE(sat)
=
4.0
V
t
fi(typ)
= 290 ns
IXGH 6N170
IXGT 6N170
C (TAB)
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
G
C
E
TO-247 AD (IXGH)
Features
International standard packages
JEDEC TO-268 and JEDEC
TO-247 AD
High current handling capability
MOS Gate turn-on
- drive simplicity
Rugged NPT structure
Molding epoxies meet UL 94 V-0
flammability classification
Applications
Capacitor discharge & pulser circuits
AC motor speed control
DC servo and robot drives
DC choppers
Uninterruptible power supplies (UPS)
Switched-mode and resonant-mode
power supplies
Advantages
High power density
Suitable for surface mounting
Easy to mount with 1 screw,
(isolated mounting screw hole)
DS98989B(09/06)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
min.
typ.
max.
BV
CES
I
C
= 250
μA, V
GE = 0 V
1700
V
V
GE(th)
I
C
= 250
μA, V
CE = VGE
3.0
5.0
V
I
CES
V
CE
= 0.8 • V
CES
10
μA
V
GE
= 0 V
T
J = 125°C
100
μA
I
GES
V
CE
= 0 V, V
GE = ± 20 V
±100
nA
V
CE(sat)
I
C
= I
C90, VGE = 15 V
3.0
4.0
V
T
J = 125°C
4.0
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
1700
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
1700
V
V
GES
Continuous
± 20
V
V
GEM
Transient
± 30
V
I
C25
T
C = 25°C12
A
I
C90
T
C = 90°C6
A
I
CM
T
C = 25°C, 1 ms
24
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 33 Ω
I
CM = 12
A
(RBSOA)
Clamped inductive load
@ 0.8 V
CES
P
C
T
C = 25°C75
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
Maximum Lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
Maximum Tab temperature for soldering SMD devices for 10 s
260
°C
M
d
Mounting torque (M3) TO-247
1.13/10Nm/lb.in.
Weight
TO-247 AD
6
g
TO-268
4
g
TO-268 (IXGT)
G
E
High Voltage
IGBT
C (TAB)


Similar Part No. - IXGH6N170

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH6N170A IXYS-IXGH6N170A Datasheet
66Kb / 2P
High Voltage IGBT
IXGH6N170A IXYS-IXGH6N170A_09 Datasheet
196Kb / 5P
High Voltage IGBTs
More results

Similar Description - IXGH6N170

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH24N170 IXYS-IXGH24N170 Datasheet
99Kb / 2P
High Voltage IGBT
IXGH32N170 IXYS-IXGH32N170 Datasheet
588Kb / 5P
High Voltage IGBT
IXDA20N120AS IXYS-IXDA20N120AS_11 Datasheet
242Kb / 4P
High Voltage IGBT
IXGH10N170 IXYS-IXGH10N170 Datasheet
195Kb / 5P
High Voltage IGBT
IXGH10N170A IXYS-IXGH10N170A Datasheet
571Kb / 5P
High Voltage IGBT
IXGH16N170A IXYS-IXGH16N170A_05 Datasheet
176Kb / 6P
High Voltage IGBT
IXGH32N170A IXYS-IXGH32N170A Datasheet
578Kb / 5P
High Voltage IGBT
IXST15N120B IXYS-IXST15N120B Datasheet
58Kb / 2P
HIGH Voltage IGBT
IXGP28N120B IXYS-IXGP28N120B Datasheet
570Kb / 5P
High Voltage IGBT
logo
Inchange Semiconductor ...
IXGN100N170 ISC-IXGN100N170 Datasheet
562Kb / 3P
High Voltage IGBT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com