Electronic Components Datasheet Search
  English  ▼

X  

DS9490B Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS9490B
Description  High-Temperature Logger iButton with 8KB Data-Log Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9490B Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS9490B Datasheet HTML 1Page - Maxim Integrated Products DS9490B Datasheet HTML 2Page - Maxim Integrated Products DS9490B Datasheet HTML 3Page - Maxim Integrated Products DS9490B Datasheet HTML 4Page - Maxim Integrated Products DS9490B Datasheet HTML 5Page - Maxim Integrated Products DS9490B Datasheet HTML 6Page - Maxim Integrated Products DS9490B Datasheet HTML 7Page - Maxim Integrated Products DS9490B Datasheet HTML 8Page - Maxim Integrated Products DS9490B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
General Description
The DS1922E temperature logger iButton® is a rugged,
self-sufficient system that measures temperature and
records the result in a protected memory section. The
recording is done at a user-defined rate. A total of 8192
8-bit readings or 4096 16-bit readings, taken at equidis-
tant intervals ranging from 1s to 273hr, can be stored.
Additionally, 576 bytes of SRAM store application-spe-
cific information. A mission to collect data can be pro-
grammed to begin immediately, after a user-defined
delay, or after a temperature alarm. Access to the
memory and control functions can be password pro-
tected. The DS1922E is configured and communicates
with a host-computing device through the serial 1-Wire®
protocol, which requires only a single data lead and a
ground return. Every DS1922E is factory lasered with a
guaranteed unique 64-bit registration number that
allows for absolute traceability. The durable stainless-
steel package is highly resistant to environmental haz-
ards such as dirt, moisture, and shock.
Applications
High-Temperature Logging (Process Monitoring,
Industrial Temperature Monitoring)
Steam Sterilization
Features
♦ Automatically Wakes Up, Measures Temperature,
and Stores Values in 8KB of Data-Log Memory in
8- or 16-Bit Format
♦ Digital Thermometer Measures Temperature with
8-Bit (0.5°C) or 11-Bit (0.0625°C) Resolution
♦ Temperature Accuracy: ±1.5°C from +110°C to
+140°C, ±7°C typical from +15°C to +110°C
♦ Water Resistant or Waterproof if Placed Inside
DS9107 iButton Capsule (Exceeds Water
Resistant 3 ATM Requirements)
♦ Sampling Rate from 1s Up to 273hr
♦ Programmable High and Low Trip Points for
Temperature Alarms
♦ Programmable Recording Start Delay After Elapsed
Time or Upon a Temperature Alarm Trip Point
♦ Quick Access to Alarmed Devices Through 1-Wire
Conditional Search Function
♦ 576 Bytes of General-Purpose Memory
♦ Two-Level Password Protection of All Memory
and Configuration Registers
♦ Communicates to Host with a Single Digital Signal
Up to 15.4kbps at Standard Speed or Up to
125kbps in Overdrive Mode Using 1-Wire Protocol
♦ Operating Temperature Range: +15°C to +140°C
Common iButton Features
♦ Digital Identification and Information by
Momentary Contact
♦ Unique Factory-Lasered 64-Bit Registration Number
Ensures Error-Free Device Selection and Absolute
Traceability Because No Two Parts Are Alike
♦ Built-In Multidrop Controller for 1-Wire Net
♦ Chip-Based Data Carrier Compactly Stores
Information
♦ Data Can Be Accessed While Affixed to Object
♦ Button Shape is Self-Aligning with Cup-Shaped
Probes
♦ Durable Stainless-Steel Case Engraved with
Registration Number Withstands Harsh
Environments
♦ Easily Affixed with Self-Stick Adhesive Backing,
Latched by Its Flange, or Locked with a Ring
Pressed Onto Its Rim
♦ Presence Detector Acknowledges When Reader
First Applies Voltage
♦ Meets UL 913, 5th Ed., Rev. 1997-02-24;
Intrinsically Safe Apparatus: Approved Under
Entity Concept for Use in Class I, Division 1,
Group A, B, C, and D Locations*
High-Temperature Logger iButton with 8KB
Data-Log Memory
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
*
Application pending.
19-4646; Rev 3; 4/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
# Denotes a RoHS-compliant device that may include lead(Pb)
that is exempt under the RoHS requirements.
Pin Configuration appears at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
DS1922E-F5#
+15°C to +140°C
F5 iButton
Examples of Accessories
iButton and 1-Wire are registered trademarks of Maxim
Integrated Products, Inc.
PART
ACCESSORY
DS9093RA
Mounting Lock Ring
DS9107
iButton Capsule
DS9490B
USB to 1-Wire Adapter


Similar Part No. - DS9490B

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9490B DALLAS-DS9490B Datasheet
216Kb / 5P
USB to 1-Wire/iButton Adapter
logo
Maxim Integrated Produc...
DS9490B MAXIM-DS9490B Datasheet
556Kb / 6P
USB to 1-Wire/iButton Adapter
Rev 8/09
DS9490B MAXIM-DS9490B Datasheet
240Kb / 6P
USB to 1-Wire/iButton Adapters High-Speed 12Mbps Universal Serial Bus (USB) Interface
Rev 6/11
More results

Similar Description - DS9490B

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1922L DALLAS-DS1922L Datasheet
428Kb / 48P
Temperature Logger iButton With 8kB Datalog Memory
DS1923 DALLAS-DS1923 Datasheet
495Kb / 52P
Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
logo
Maxim Integrated Produc...
DS1922L MAXIM-DS1922L Datasheet
571Kb / 50P
Temperature Logger iButton With 8kB Datalog Memory
REV: 120407
logo
Dallas Semiconductor
DS1923 DALLAS-DS1923_1 Datasheet
350Kb / 53P
Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
logo
Maxim Integrated Produc...
DS1922E MAXIM-DS1922E Datasheet
406Kb / 44P
High-Temperature Logger iButton with 8KB
Rev 1; 10/08
DS1922E MAXIM-DS1922E_09 Datasheet
387Kb / 44P
High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 2; 6/09
DS1923 MAXIM-DS1923 Datasheet
642Kb / 55P
Hygrochron Temperature/Humidity Logger iButton with 8KB Data-Log Memory
Rev 3; 10/09
DS1922L MAXIM-DS1922L_11 Datasheet
714Kb / 52P
Temperature Logger iButton with 8KB Data-Log Memory
Rev 10; 4/11
DS1925 MAXIM-DS1925 Datasheet
902Kb / 46P
iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
Rev 4; 6/20
DS1922E MAXIM-DS1922E_V01 Datasheet
1Mb / 44P
iButton High-Temperature Logger with 8KB Datalog Memory
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com