Electronic Components Datasheet Search
  English  ▼

X  

DS9490B Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS9490B
Description  High-Temperature Logger iButton with 8KB Data-Log Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9490B Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS9490B Datasheet HTML 9Page - Maxim Integrated Products DS9490B Datasheet HTML 10Page - Maxim Integrated Products DS9490B Datasheet HTML 11Page - Maxim Integrated Products DS9490B Datasheet HTML 12Page - Maxim Integrated Products DS9490B Datasheet HTML 13Page - Maxim Integrated Products DS9490B Datasheet HTML 14Page - Maxim Integrated Products DS9490B Datasheet HTML 15Page - Maxim Integrated Products DS9490B Datasheet HTML 16Page - Maxim Integrated Products DS9490B Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
High-Temperature Logger iButton with 8KB
Data-Log Memory
______________________________________________________________________________________
13
Latest Temperature Conversion Result Register
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
BYTE
020Ch
T2
T1
T0
0
0
0
0
0
TRL
020Dh
T10
T9
T8
T7
T6
T5
T4
T3
TRH
Temperature Conversion
The DS1922E’s temperature range begins at +15°C
and ends at +140°C. Temperature values are repre-
sented as an 8- or 16-bit unsigned binary number with
a resolution of 0.5°C in 8-bit mode and 0.0625°C in
16-bit mode.
The higher temperature byte TRH is always valid. In
16-bit mode, only the three highest bits of the lower
byte TRL are valid. The five lower bits all read 0. TRL is
undefined if the device is in 8-bit temperature mode. An
out-of-range temperature reading is indicated as 00h or
0000h when too cold and FFh or FFE0h when too hot.
With TRH and TRL representing the decimal equivalent
of a temperature reading, the temperature value is cal-
culated as:
ϑ(°C) = TRH/2 + 14 + TRL/512 (16-bit mode,
TLFS = 1, see address 0213h)
ϑ(°C) = TRH/2 + 14 (8-bit mode, TLFS = 0,
see address 0213h)
This equation is valid for converting temperature read-
ings stored in the data-log memory as well as for data
read from the Latest Temperature Conversion Result
register.
To specify the temperature alarm thresholds, the previ-
ous equations are resolved to:
TALM = 2 x
ϑ(°C) - 28
Because the temperature alarm threshold is only one
byte, the resolution or temperature increment is limited
to 0.5°C. The TALM value must be converted into hexa-
decimal format before it can be written to one of the
Temperature Alarm Threshold registers (Low Alarm
address 0208h; High Alarm address 0209h).
Independent of the conversion mode (8- or 16-bit), only
the most significant byte of a temperature conversion is
used to determine whether an alarm is generated.
Table 1. Temperature Conversion Examples
TRH
TRL
MODE
HEX
DECIMAL
HEX
DECIMAL
(°C)
8-Bit
54h
84
—
—
56.0
8-Bit
17h
23
—
—
25.5
16-Bit
54h
84
00h
0
56.0000
16-Bit
17h
23
60h
96
25.6875
Table 2. Temperature Alarm Threshold Examples
TALM
(°C)
HEX
DECIMAL
65.5
67h
103
30.0
20h
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com