Electronic Components Datasheet Search
  English  ▼

X  

MAX1026BEEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1026BEEE
Description  10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1026BEEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1026BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 13Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 14Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 15Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 16Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
10-Bit 300ksps ADCs with FIFO,
Temp Sensor, Internal Reference
______________________________________________________________________________________
13
Setup Register
Write a byte to the setup register to configure the clock,
reference, and power-down modes. Table 3 details the
bits in the setup register. Bits 5 and 4 (CKSEL1 and
CKSEL0) control the clock mode, acquisition and sam-
pling, and the conversion start. Bits 3 and 2 (REFSEL1
and REFSEL0) control internal or external reference use.
Bits 1 and 0 (DIFFSEL1 and DIFFSEL0) address the
unipolar mode and bipolar mode registers and configure
the analog input channels for differential operation.
Unipolar/Bipolar Registers
The final 2 bits (LSBs) of the setup register control the
unipolar/bipolar mode address registers. Set bits 1 and
0 (DIFFSEL1 and DIFFSEL0) to 10 to write to the unipo-
lar mode register. Set bits 1 and 0 to 11 to write to the
bipolar mode register. In both cases, the setup byte
must be followed immediately by 1 byte of data written
to the unipolar register or bipolar register. Hold
CS low
and run 16 SCLK cycles before pulling
CS high. If the
last 2 bits of the setup register are 00 or 01, neither the
unipolar mode register nor the bipolar mode register is
written. Any subsequent byte is recognized as a new
input data byte. See Tables 4 and 5 to program the
unipolar and bipolar mode registers.
If a channel is configured as both unipolar and bipolar,
the unipolar setting takes precedence. In unipolar
mode, AIN+ can exceed AIN- by up to VREF. The out-
put format in unipolar mode is binary. In bipolar mode,
either input can exceed the other by up to VREF / 2. The
output format in bipolar mode is two's complement.
Averaging Register
Write to the averaging register to configure the ADC to
average up to 32 samples for each requested result,
and to independently control the number of results
requested for single-channel scans.
Table 2 details the four scan modes available in the con-
version register. All four scan modes allow averaging as
long as the AVGON bit, bit 4 in the averaging register, is
set to 1. Select scan mode 10 to scan the same channel
multiple times. Clock mode 11 disables averaging.
Reset Register
Write to the reset register (as shown in Table 7) to clear
the FIFO or to reset all registers to their default states.
Set the
RESET bit to 1 to reset the FIFO. Set the reset
bit to zero to return the MAX1026/MAX1028/MAX1030
to the default power-up state.
BIT
NAME
BIT
FUNCTION
—
7 (MSB) Set to 1 to select conversion register.
CHSEL3
6
Analog input channel select.
CHSEL2
5
Analog input channel select.
CHSEL1
4
Analog input channel select.
CHSEL0
3
Analog input channel select.
SCAN1
2
Scan mode select.
SCAN0
1
Scan mode select.
TEMP
0 (LSB)
Set to 1 to take a single temperature
measurement. The first conversion result
of a scan contains temperature information.
Table 2. Conversion Register*
*
See below for bit details.
CHSEL3
CHSEL2
CHSEL1
CHSEL0
SELECTED
CHANNEL (N)
0
0
0
0
AIN0
0
0
0
1
AIN1
0
0
1
0
AIN2
0
0
1
1
AIN3
0
1
0
0
AIN4
0
1
0
1
AIN5
0
1
1
0
AIN6
0
1
1
1
AIN7
1
0
0
0
AIN8
1
0
0
1
AIN9
1
0
1
0
AIN10
1
0
1
1
AIN11
1
1
0
0
AIN12
1
1
0
1
AIN13
1
1
1
0
AIN14
1
1
1
1
AIN15
SCAN1 SCAN0
SCAN MODE (CHANNEL N IS
SELECTED BY BITS CHSEL3–CHSEL0)
0
0
Scans channels 0 through N.
01
Scans channels N through the highest
numbered channel.
10
Scans channel N repeatedly. The averaging
register sets the number of results.
1
1
No scan. Converts channel N once only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com