Electronic Components Datasheet Search
  English  ▼

X  

MAX1026BEEE Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1026BEEE
Description  10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1026BEEE Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1026BEEE Datasheet HTML 14Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 15Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 16Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 17Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 18Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 19Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 20Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 21Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the RMS
sum of the first five harmonics of the input signal to the
fundamental itself. This is expressed as:
where V1 is the fundamental amplitude, and V2–V5 are
the amplitudes of the first five harmonics.
Spurious-Free Dynamic Range
Spurious-free dynamic range (SFDR) is the ratio of the
RMS amplitude of the fundamental (maximum signal
component) to the RMS value of the next-largest distor-
tion component.
Chip Information
PROCESS: BiCMOS
THD
20 x log
V
V
V
V
/ V
2
2
3
2
4
2
5
2
1
=
+++
()
⎛
⎝⎜
⎞
⎠⎟
10-Bit 300ksps ADCs with FIFO,
Temp Sensor, Internal Reference
______________________________________________________________________________________
21
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
MAX1030BCEG+T
0°C to +70°C
24 QSOP
MAX1030BEEG+T
-40°C to +85°C
24 QSOP
MAX1030BCTI+T
0°C to +70°C
28 TQFN-EP*
MAX1030BETI+T
-40°C to +85°C
28 TQFN-EP*
Pin Configurations (continued)
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
EOC
DOUT
DIN
CS
AIN3
AIN2
AIN1
AIN0
SCLK
VDD
GND
REF+
AIN7
AIN6
AIN5
AIN4
16
15
14
13
9
10
11
12
CNVST/AIN15
REF-/AIN14
AIN13
AIN12
AIN11
AIN10
AIN9
AIN8
QSOP
MAX1030
+
26
27
25
24
10
9
11
12
12
N.C.
45
6
7
20
21
19
17
16
15
AIN0
AIN1
AIN13
AIN12
AIN11
AIN10
MAX1030
3
18
28
8
AIN2
AIN9
EOC
23
13
REF-/AIN14
DOUT
22
14
CNVST/AIN15
DIN
TQFN
+
TOP VIEW
*
EP = Exposed paddle (connect to GND).
Package Information
For the latest package outline information and land patterns,
go to www.maxim-ic.com/packages. Note that a “+”, “#”, or
“-” in the package code indicates RoHS status only. Package
drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
16 QSOP
E16+1
21-0055
90-0167
20 QSOP
E20+1
21-0055
90-0168
24 QSOP
E24+1
21-0055
90-0172
28 TQFN-EP
T2855+6
21-0140
90-0026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com