Electronic Components Datasheet Search
  English  ▼

X  

MAX1026BEEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1026BEEE
Description  10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1026BEEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1026BEEE Datasheet HTML 1Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX1026BEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
10-Bit 300ksps ADCs with FIFO,
Temp Sensor, Internal Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V ±5%, fSAMPLE = 300kHz, fSCLK = 4.8MHz (50% duty cycle), VREF = 4.096V, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
CS, SCLK, DIN, EOC, DOUT to GND.........-0.3V to (VDD + 0.3V)
AIN0–AIN13, REF-/AIN_,
CNVST/AIN_,
REF+ to GND.........................................-0.3V to (VDD + 0.3V)
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW
20-Pin QSOP (derate 9.1mW/°C above +70°C)...........727mW
24-Pin QSOP (derate 9.5mW/°C above +70°C)...........762mW
28-Pin TQFN 5mm x 5mm
(derate 20.8mW/°C above +70°C) ..........................1667mW
Operating Temperature Ranges
MAX10__C__.......................................................0°C to +70°C
MAX10__E__ ....................................................-40°C to +85°C
Storage Temperature Range .............................-60°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Note 1)
Resolution
RES
10
Bits
Integral Nonlinearity
INL
±1.0
LSB
Differential Nonlinearity
DNL
No missing codes over temperature
±1.0
LSB
Offset Error
±0.5
±2.0
LSB
Gain Error
(Note 2)
±0.5
±2.0
LSB
Offset Error Temperature
Coefficient
±2
ppm/°C
FSR
Gain Temperature Coefficient
±0.8
ppm/°C
Channel-to-Channel Offset
Matching
±0.1
LSB
DYNAMIC SPECIFICATIONS (30kHz sine wave input, 4.096VP-P, 300ksps, fSCLK = 4.8MHz)
Signal-to-Noise Plus Distortion
SINAD
61
dB
Total Harmonic Distortion
THD
Up to the 5th harmonic
-88
dBc
Spurious-Free Dynamic Range
SFDR
89
dBc
Intermodulation Distortion
IMD
fIN1 = 29.9kHz, fIN2 = 30.2kHz
76
dBc
Full-Power Bandwidth
-3dB point
1
MHz
Full-Linear Bandwidth
S/(N + D) > 68dB
100
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com